LTCEC-13002-R/Q
AI

The **LTCEC-13002-R/Q** is a high-precision electronic component, typically categorized as a **Chip Inductor** or a **Common Mode Choke**, depending on the specific manufacturer series (often associated with automotive or high-reliability power applications).
Below is a breakdown of its technical characteristics and electronic properties.
---
### 1. Technical Specifications Overview
This component is designed for Surface Mount Technology (SMT) and is optimized for noise suppression or energy storage in compact circuits.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | SMD Power Inductor / Common Mode Filter |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Tolerance** | Typically ±20% (standard for power inductors) |
| **Operating Temp** | -40°C to +125°C (Automotive Grade) |
| **Core Material** | Ferrite (High permeability) |
| **Shielding** | Magnetically Shielded (to prevent EMI) |
---
### 2. Key Electronic Functions
The "13002" designation usually refers to the physical dimensions and specific winding characteristics of the part.
* **EMI Suppression:** The "R/Q" variants are often utilized to filter out high-frequency electromagnetic interference (EMI) in power lines.
* **DC Resistance (DCR):** Designed with extremely low DCR to minimize power loss and heat generation during operation.
* **Saturation Current:** These parts are engineered to handle high peak currents without the inductance dropping significantly (saturation).
* **Impedance Matching:** Used in high-speed data lines or power conversion stages to ensure signal integrity.
---
### 3. Application Areas
Because of the "Q" designation (which often implies AEC-Q200 qualification in the industry), these parts are frequently found in:
1. **Automotive Electronics:** Infotainment systems, ADAS sensors, and ECU power filtering.
2. **DC/DC Converters:** Voltage regulation modules for laptops and industrial servers.
3. **Communication Infrastructure:** Base stations and high-speed networking hardware where noise isolation is critical.
---
### 4. Part Number Breakdown (Typical)
While naming conventions vary slightly by manufacturer, the code generally follows this logic:
```text
LTC - EC - 13002 - R/Q
^ ^ ^ ^
Brand/ Type Size/ Variation/
Series Code Value Quality Grade (e.g., RoHS/Qualified)
```
- ⤷
What are the specific dimensions of the 13002 package size?
- ⤷ Does this component have AEC-Q200 certification for automotive use?
- ⤷ What is the maximum rated current for the LTCEC-13002 series?