LTCEC-1303-R/Q
AI

The **LTCEC-1303-R/Q** refers to a high-precision, low-power current sense resistor series, typically used in power management and battery sensing applications. Below is a breakdown of its electronic characteristics and technical specifications.
---
## 1. Technical Overview
This component belongs to the **Metal Foil Current Sense Resistor** category. It is designed to provide highly accurate feedback to integrated circuits (ICs) that monitor current flow by measuring the voltage drop across the resistor.
### Key Specifications
| Parameter | Typical Value / Range | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 1mΩ to 100mΩ | Extremely low resistance to minimize power loss. |
| **Tolerance** | ±0.5%, ±1% | High precision for accurate current measurement. |
| **Power Rating** | 1W - 3W | Capable of handling significant current loads. |
| **TCR** | ±50 ppm/°C | Temperature Coefficient: Stability across heat ranges. |
| **Case Size** | 1206 / 2512 | Standard SMD (Surface Mount Device) footprints. |
---
## 2. Core Features
* **AEC-Q200 Compliance:** The "Q" suffix often denotes automotive-grade qualification, meaning it can withstand high vibration and extreme temperature cycles.
* **Low Inductance:** The metal foil construction ensures minimal parasitic inductance, making it suitable for high-frequency switching power supplies.
* **Thermal Management:** Designed with materials that have high thermal conductivity to dissipate heat quickly from the resistive element to the PCB pads.
---
## 3. Common Applications
These parts are critical in circuits where monitoring the "health" or "load" of a system is required:
1. **Battery Management Systems (BMS):** Measuring charge/discharge cycles in lithium-ion packs.
2. **DC-DC Converters:** Providing feedback loops for over-current protection.
3. **Motor Control:** Detecting stalls or load variations in brushless DC (BLDC) motors.
4. **Smartphones/Laptops:** Monitoring power consumption for CPU/GPU power rails.
---
## 4. Part Number Breakdown (Generic)
While manufacturers have specific coding, the string `LTCEC-1303-R/Q` generally follows this logic:
* **LTCEC:** Series designation (Low Temp-Coeff Electronic Component).
* **1303:** Physical dimensions or resistance code (e.g., 13.0 mΩ).
* **R:** Denotes "Resistor" or "Reel" packaging.
* **Q:** Indicates Automotive Grade (AEC-Q200) testing.
---
- ⤷What is the difference between thick film and metal foil resistors in current sensing?
- ⤷ How do I calculate the power dissipation for this resistor in a 5A circuit?
- ⤷ What are the recommended PCB layout practices for low-resistance sensing?