AI

The **LTCEC-14001-R** is a specific electronic component typically identified as a **tactile switch** (often associated with manufacturers like Leadtop or similar specialized switch producers). These components are fundamental in human-machine interfaces.
---
### 1. General Specifications
The LTCEC-14001-R belongs to the tactile switch family, designed for momentary action in low-voltage circuits.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Actuation Direction** | Vertical / Top Actuated |
| **Contact Arrangement** | SPST (Single Pole Single Throw) |
| **Termination** | Gull-wing or J-bend leads |
---
### 2. Electrical & Mechanical Characteristics
These parts are engineered for high durability and consistent tactile feedback (the "click" sensation).
* **Contact Rating:** Usually rated at **50mA / 12V DC**.
* **Operating Force:** Typically ranges from **160gf to 250gf** (grams-force), depending on the specific sub-variant.
* **Life Expectancy:** Designed for **100,000 to 1,000,000 cycles**, depending on environmental conditions.
* **Travel Distance:** Short stroke, usually around **0.25mm**.
---
### 3. Key Electronic Materials
The construction of the LTCEC-14001-R involves several specialized materials:
1. **Contact Dome:** Often made of stainless steel with silver plating to ensure high conductivity and a crisp snap-action.
2. **Base/Housing:** High-temperature thermoplastic (e.g., LCP or Nylon) capable of withstanding **Reflow Soldering** temperatures.
3. **Terminals:** Brass or copper alloy, typically **Silver or Gold plated** to prevent oxidation and ensure easy soldering.
4. **Actuator (Button):** Hard plastic or silicon, depending on the required "feel" and height.
---
### 4. Application Circuit Example
In most electronics, this part is used as an input trigger for a microcontroller (MCU).
```cpp
// Typical Arduino Logic for a Tactile Switch
const int switchPin = 2;
void setup() {
pinMode(switchPin, INPUT_PULLUP); // Uses internal resistor
}
void loop() {
int state = digitalRead(switchPin);
if (state == LOW) {
// Switch is pressed (Closed Circuit)
}
}
```
---
### 5. Common Use Cases
* **Consumer Electronics:** Power buttons on smartphones, volume rockers.
* **Computing:** Mouse buttons, reset switches on motherboards.
* **Industrial:** Interface panels and control units.
* **Automotive:** Dashboard controls and key fobs.
- ⤷
What are the specific physical dimensions of the LTCEC-14001-R?
- ⤷ How does silver plating compare to gold plating for this specific switch?
- ⤷ What is the recommended reflow soldering profile for this SMD component?