LTCEC-1400F-R/Q
AI

The **LTCEC-1400F-R/Q** refers to a high-performance series of **Chip Aluminum Electrolytic Capacitors**, typically manufactured by brands like **Lelon** or similar passive component specialists. These components are designed for surface-mount technology (SMT) and are characterized by their "Low Impedance" and "Extra Lower ESR" properties.
---
### 1. Technical Specifications Overview
| Parameter | Details |
| :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor (V-Chip) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Series Features** | Low Impedance, Long Life, High Ripple Current |
| **Standard Tolerance** | ±20% at 120Hz, 20°C |
| **Operating Temperature** | -55°C to +105°C (Standard for high-reliability) |
### 2. Key Part Number Breakdown (Functional Logic)
While specific internal codes can vary by manufacturer, the nomenclature generally follows this structure:
* **LT / LTC:** Series prefix indicating "Low Impedance" and "High Temperature" characteristics.
* **1400:** Often relates to the **Capacitance Value** (e.g., 1400µF) or a specific physical dimension code.
* **F:** Voltage Rating code (e.g., F often represents 6.3V or 35V depending on the manufacturer's code sheet).
* **R/Q:** Packaging and Quality indicators.
* **R:** Tape & Reel packaging.
* **Q:** Often denotes AEC-Q200 compliance (Automotive grade) or a specific lead-free/RoHS requirement.
### 3. Electronic Characteristics
1. **Low ESR (Equivalent Series Resistance):**
The "EC" in the suffix often highlights "Extra Low" ESR. This minimizes heat generation during high-frequency switching, making them efficient for power conversion.
2. **High Ripple Current Handling:**
Designed to withstand the AC component of the current in DC circuits without degrading the electrolyte.
3. **V-Chip Construction:**
The "vertical" chip design allows for automated pick-and-place assembly while maintaining a small footprint on the PCB compared to radial leaded capacitors.
---
### 4. Common Applications
These parts are typically found in demanding electronic environments:
* **DC-DC Converters:** For smoothing and filtering output voltage.
* **Automotive Electronics:** Used in infotainment and ADAS modules due to the wide temperature range.
* **Industrial Power Supplies:** Where long-term stability and low impedance are critical.
* **Telecommunications:** In base stations and networking hardware.
---
- ⤷
What is the specific voltage rating and capacitance for the '1400F' code in this series?
- ⤷ How does the ESR of this capacitor compare to standard aluminum electrolytic types?
- ⤷ Is the LTCEC series AEC-Q200 qualified for automotive use?