LTCEC-1401-R/Q
AI

The **LTC-1401** series (specifically variants like R or Q) refers to a **12-bit, 200ksps, Serial I/O Sampling Analog-to-Digital Converter (ADC)** manufactured by Linear Technology (now part of Analog Devices). It is known for its high speed and low power consumption in a small footprint.
---
### ## Technical Specifications
Below are the primary electronic characteristics of the LTC-1401:
| Feature | Specification |
| :--- | :--- |
| **Resolution** | 12-Bit |
| **Throughput Rate** | 200 ksps (kilo-samples per second) |
| **Interface** | Serial (SPI/Microwire Compatible) |
| **Supply Voltage** | Single 3V Supply (approx. 2.7V to 3.6V) |
| **Power Dissipation** | 15mW (Active) / 1.2mW (Nap Mode) |
| **Package Options** | 8-pin SOIC |
| **Input Range** | 0V to 2.048V (Internal Ref) |
---
### ### Key Electronic Components & Internal Blocks
1. **Successive Approximation Register (SAR):** The core architecture used to convert the analog signal to a digital value bit-by-bit.
2. **Internal Reference:** It features a built-in 2.048V reference, simplifying circuit design as an external reference is often unnecessary.
3. **Sample-and-Hold (S/H):** Integrated circuitry that captures the input voltage and holds it steady during the conversion process.
4. **Clock Circuitry:** It uses the serial clock (CLK) to synchronize the data transfer and the conversion timing.
---
### ### Pin Configuration (8-Pin SOIC)
Typical pinout functionality for the LTC-1401:
* **Vcc:** Positive Power Supply.
* **AIN:** Analog Input signal.
* **GND:** Ground.
* **REF:** Reference Voltage Output/Input.
* **CONV:** Convert Input (Starts the conversion process).
* **DOUT:** Serial Data Output.
* **CLK:** Serial Interface Clock.
* **CS/SHDN:** Chip Select and Shutdown control.
---
### ### Application Use Cases
* **Battery-Operated Systems:** Due to its low power "Nap" and "Sleep" modes.
* **Remote Data Acquisition:** Ideal for transmitting digital signals over long distances via serial interface to reduce noise interference.
* **Digital Signal Processing (DSP):** Provides the necessary speed for real-time sensor processing.
---
### ### Suffix Identification (R/Q)
In Linear Technology part numbering:
* **R:** Usually refers to Tape and Reel packaging.
* **Q:** Often denotes a specific grade or package variation (such as a 150-mil SO package), but check the specific datasheet for "Q" as it can sometimes relate to automotive AEC-Q100 qualification in newer ADI nomenclature.
- ⤷
What is the difference between Nap and Sleep modes in the LTC-1401?
- ⤷ How do you interface the LTC-1401 with an Arduino or Microcontroller?
- ⤷ What is the maximum analog input frequency it can accurately sample?