LTCEC-21001-R
AI

The **LTCEC-21001-R** is a specific precision electronic component, typically categorized as a high-performance **Current Sense Resistor** or a specialized **Chip Resistor** often used in automotive and industrial power management applications.
Below is a breakdown of its electronic characteristics and technical specifications.
---
### 1. Key Technical Specifications
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Surface Mount Device (SMD) Resistor |
| **Resistance Value** | Specified by the "21001" suffix (often 21kΩ or a custom value depending on series coding) |
| **Tolerance** | Usually ±0.1% to ±1% (High Precision) |
| **Power Rating** | 0.25W to 1W (Depending on package size) |
| **Temperature Coefficient** | ±25 ppm/°C to ±100 ppm/°C |
| **Operating Temperature** | -55°C to +155°C |
| **Compliance** | RoHS Compliant, Lead-Free |
---
### 2. Functional Electronic Parts & Construction
The internal architecture of the LTCEC-21001-R consists of several critical layers designed for stability and reliability:
* **Substrate:** Usually a high-purity Alumina ($Al_2O_3$) ceramic base for excellent thermal dissipation.
* **Resistive Element:** A Thin Film or Metal Foil layer applied via vacuum deposition to ensure precise resistance values.
* **Protective Coating:** An epoxy or glass overcoat that protects the resistive element from humidity, oxidation, and mechanical stress.
* **Terminations:** Wrap-around terminals (typically Tin over Nickel/Copper) designed for robust solder joints in high-vibration environments.
---
### 3. Common Applications
Due to its high precision and stability, this component is frequently found in:
1. **BMS (Battery Management Systems):** Monitoring current flow in EV batteries.
2. **DC-DC Converters:** Providing feedback loops for voltage regulation.
3. **Precision Instrumentation:** Used in medical or scientific testing equipment where signal integrity is paramount.
4. **Automotive ECUs:** Engine control units requiring AEC-Q200 qualified components.
---
### 4. Implementation Example (Basic Voltage Divider)
If used in a feedback circuit, the part functions according to Ohm's Law ($V = I \times R$). In a high-precision divider, it ensures the output voltage remains stable despite temperature fluctuations.
```cpp
// Pseudocode for reading a sensor value across a precision resistor
float calculateVoltage(int rawADC) {
const float referenceResistor = 21000.0; // LTCEC-21001-R Value
float voltage = (rawADC / 1024.0) * 5.0;
return voltage;
}
```
- ⤷
What is the specific resistance value and tolerance for the '21001' code in this series?
- ⤷ Is the LTCEC-21001-R AEC-Q200 qualified for automotive use?
- ⤷ What are the recommended soldering profiles for this SMD component?