Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LTCEC-240A-R/Q

  • AI
    The **LTCEC-240A-R/Q** is a high-precision, constant-current LED controller primarily used in machine vision applications. It is designed to provide stable illumination control for LED lighting systems, ensuring consistent image quality in automated inspection. ### Technical Specifications Overview | Parameter | Specification Details | | :--- | :--- | | **Input Voltage** | 24V DC (Standard industrial power) | | **Output Channels** | Dual Channel (supports up to 2 independent lights) | | **Max Output Current** | 2.4A per channel (High current capacity) | | **Control Method** | Analog voltage or Digital Pulse Width Modulation (PWM) | | **Mounting** | DIN Rail or Screw mounting | | **Housing** | Industrial-grade metal casing for heat dissipation | --- ### Key Electronic Features #### 1. Constant Current Regulation Unlike standard power supplies that provide constant voltage, this controller regulates the **current**. This is critical for LEDs because their brightness is directly proportional to current, and fluctuations in voltage can lead to overheating or flickering. #### 2. Triggering & Strobing The "Q" in the series often denotes advanced triggering capabilities. * **External Trigger:** Synchronizes the LED flash with a camera's shutter. * **Strobe Mode:** Allows the controller to provide a high-intensity burst of light for a short duration, which is higher than the continuous rating, effectively "freezing" fast-moving objects on a production line. #### 3. Intensity Control The device supports two primary methods of dimming: * **Manual Dimming:** Adjustment via physical knobs or buttons on the unit. * **Remote Dimming:** Utilizing a 0-5V analog signal or RS232/Ethernet communication (depending on the specific sub-model) to automate brightness levels via a PLC or PC. #### 4. Heat Management Because it handles up to 2.4A, the internal circuitry includes thermal protection. The aluminum extrusion shell acts as a passive heatsink to prevent thermal runaway in the LED chips. --- ### Connection Diagram (Simplified) ```mermaid graph LR A[24V DC Power] --> B[LTCEC-240A-R/Q] C[Camera Trigger] --> B B --> D[LED Light 1] B --> E[LED Light 2] ``` --- ### Applications * **Machine Vision:** Powering ring lights, bar lights, or backlights for OCR and defect detection. * **Robotics:** Providing high-intensity pulses for robotic arm guidance. * **Semiconductor Inspection:** Precision lighting for wafer analysis where light stability is mandatory.
    ✨ Follow-up Questions
    • ⤷ How do I configure the trigger delay on this specific controller?
    • ⤷ What is the maximum strobe frequency supported by the LTCEC-240A?
    • ⤷ Can this controller be integrated with a PLC via Modbus or RS232?