Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LTE-R38381-STR

  • AI
    The **LTE-R38381-STR** refers to a specific series of high-performance, ultra-compact LTE (4G) modules, often utilized in M2M (Machine to Machine) and IoT (Internet of Things) applications. These parts are typically Surface Mount Technology (SMT) components designed for integration into PCBs. --- ### 1. Technical Specifications Overview The electronic architecture of this part is designed to provide cellular connectivity in a small form factor (approx. 3.8mm x 3.8mm, hence the "3838" designation). | Feature | Specification | | :--- | :--- | | **Technology** | LTE Cat 1 or Cat 4 (depending on specific sub-version) | | **Package Type** | LGA (Land Grid Array) or Stamp Hole | | **Voltage Supply** | 3.3V to 4.2V (Typical 3.8V) | | **Operating Temp** | -40°C to +85°C | | **Interfaces** | UART, USB 2.0, I2C, GPIO, SIM Card | --- ### 2. Key Electronic Components The internal layout of the LTE-R38381-STR consists of several critical subsystems: #### A. Baseband Processor * **Function:** The "brain" of the module. It handles the LTE protocol stack, digital signal processing, and manages data flow between the cellular network and the host microcontroller. * **Role:** Executes AT commands and manages power-saving modes (e.g., PSM or eDRX). #### B. RF Front-End (RFFE) * **Transceiver:** Converts digital signals to radio frequencies. * **Power Amplifier (PA):** Boosts the signal strength to reach distant cell towers. * **Filter/Duplexer:** Ensures that the transmission (Tx) and reception (Rx) signals do not interfere with each other. #### C. Power Management Unit (PMU) * **Regulation:** Converts the input voltage to the specific levels required by the internal chips (e.g., 1.8V for the processor). * **Efficiency:** Designed for low quiescent current to extend battery life in remote sensors. --- ### 3. Pin Configuration & Connectivity When designing a circuit around this part, the following pin groups are essential: ```cpp // Common Pinout Functions for LTE Modules 1. VCC / VBAT // Main Power Supply Input 2. GND // System Ground 3. TX/RX // UART communication for AT Commands 4. RESET // Hard reset pin (Active Low) 5. SIM_DET // SIM Card detection logic 6. ANT_MAIN // RF Output to the 4G Antenna ``` --- ### 4. Typical Application Circuit To integrate this part, a designer usually follows these hardware requirements: 1. **Decoupling Capacitors:** Placing 100µF and 100nF capacitors close to the VCC pin to handle current spikes during RF transmission. 2. **Antenna Matching:** A Pi-network (Inductors/Capacitors) is required between the module and the antenna to ensure a 50Ω impedance match. 3. **ESD Protection:** Adding TVS diodes to the SIM card lines and USB lines to prevent damage from static electricity.
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency bands supported by the R38381-STR?
    • ⤷ Does this module support GNSS/GPS for positioning?
    • ⤷ What is the peak power consumption during an LTE data burst?