AI

The **LTHZ-12A-R** is a high-performance **Micro-Sized Piezoelectric Buzzer** (also referred to as a transducer). It is primarily used in consumer electronics, medical devices, and industrial equipment to provide audible feedback or alarms.
Below is a breakdown of its technical specifications and electronic characteristics.
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Type** | Piezoelectric Transducer |
| **Drive Type** | External Drive (requires an external frequency circuit) |
| **Operating Voltage** | 1.0V ~ 25Vp-p (Max) |
| **Rated Voltage** | 3.0 Vp-p (Square Wave) |
| **Resonant Frequency** | 4,000 Hz ± 500 Hz |
| **Sound Pressure Level** | ≥ 75 dB at 10cm (at 3Vp-p, 4kHz) |
| **Current Consumption** | ≤ 2 mA |
---
### 2. Physical & Material Attributes
* **Dimensions:** Typically ~12mm in diameter and ~3mm in height (Ultra-thin profile).
* **Mounting Type:** Surface Mount (SMD).
* **Housing Material:** LCP (Liquid Crystal Polymer), designed to withstand high-temperature reflow soldering.
* **Lead-Free:** RoHS compliant.
---
### 3. Electronic Characteristics
#### A. Capacitance
Piezo buzzers act like capacitors in a circuit. The LTHZ-12A-R typically has a capacitance of around **12,000pF to 16,000pF** (at 120Hz). This is a critical factor when designing the driving circuit, as it determines the charging/discharging speed.
#### B. External Drive Requirement
Unlike "Indicators" which have internal circuitry to create sound when DC power is applied, this "Transducer" requires an **AC signal** or a **PWM (Pulse Width Modulation)** signal. To achieve maximum volume, the input frequency should match the **Resonant Frequency (4kHz)**.
#### C. Power Efficiency
Because it is a piezoelectric device rather than electromagnetic, it has high impedance and very low current consumption (under 3mA), making it ideal for battery-operated devices.
---
### 4. Typical Application Circuit
To drive the LTHZ-12A-R using a microcontroller (MCU), a simple transistor circuit or a CMOS inverter is often used.
```cpp
// Logic for driving the buzzer with an MCU (Arduino example)
void setup() {
pinMode(9, OUTPUT); // Connect to base of transistor
}
void loop() {
tone(9, 4000); // Send 4kHz square wave
delay(500); // Sound for 500ms
noTone(9); // Stop
delay(1000);
}
```
- ⤷
What is the difference between an external drive transducer and an internal drive indicator?
- ⤷ How do I calculate the power consumption for a piezo buzzer in a battery-powered circuit?
- ⤷ Can I drive the LTHZ-12A-R directly from an MCU pin without a transistor?