LTHZ-21F-R
AI

The **LTHZ-21F-R** is a specific model of a **Miniature Intermediate Power Relay**. These components are widely used in automation, household appliances, and industrial control systems to switch high-current loads using a low-power control signal.
---
### 1. Key Technical Specifications
The following table outlines the general electrical and physical characteristics typical for this relay series:
| Parameter | Description |
| :--- | :--- |
| **Contact Form** | 1 Form C (SPDT - Single Pole Double Throw) |
| **Max Switching Current** | 12A to 16A (varies by specific load type) |
| **Nominal Coil Voltage** | Typically 12VDC or 24VDC (Check suffix for exact rating) |
| **Contact Material** | Silver Alloy (AgNi or AgSnO2) for durability |
| **Mounting Type** | Through-hole PCB Mount |
| **Dielectric Strength** | ~5,000VAC (between coil and contacts) |
---
### 2. Internal Components & Pinout
The LTHZ-21F-R consists of several critical electronic and mechanical parts:
1. **The Coil:** An electromagnet made of copper wire. When energized, it creates a magnetic field that pulls the armature.
2. **The Armature:** A moving metal piece that mechanically bridges the gap between contacts.
3. **Contacts:**
* **COM (Common):** The moving terminal.
* **NO (Normally Open):** Connected to COM only when the coil is powered.
* **NC (Normally Closed):** Connected to COM when the coil is unpowered.
4. **Spring Mechanism:** Returns the armature to the default (NC) position when power is removed.
---
### 3. Application Use Cases
This relay is often used in circuits where isolation is required between a microcontroller (like an Arduino or PLC) and a high-voltage AC/DC load.
* **HVAC Systems:** Controlling fans or small compressors.
* **Smart Home Devices:** Smart plugs and motorized curtains.
* **Industrial Controls:** Interfacing logic circuits with actuators.
---
### 4. Basic Wiring Example
To drive this relay using a DC source and a transistor (to protect your logic controller), use the following logic:
```python
# Simplified Logic for Relay Control
# 1. Apply Voltage to Coil Pins (e.g., 12V)
# 2. Use a Flyback Diode (1N4007) across the coil to prevent voltage spikes.
# 3. Connect Load to COM and NO pins.
if Sensor_Triggered == True:
Energize_Relay_Coil() # COM moves to NO, Circuit closes
else:
Deenergize_Relay_Coil() # COM stays at NC, Circuit open
```
---
- ⤷What is the exact coil voltage for the 'R' variant of this relay?
- ⤷ How many pins does the LTHZ-21F-R have for PCB layout?
- ⤷ What is the maximum AC voltage this relay can safely switch?