LTHZ-243-R
AI

The **LTHZ-243-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) LED**, often used in industrial indicators, consumer electronics, and signal equipment.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
The LTHZ-243-R is an **AlGaInP (Aluminum Gallium Indium Phosphide)** based light-emitting diode. It is designed for high-efficiency light output in a compact footprint.
### Technical Specifications
| Parameter | Description | Typical Value |
| :--- | :--- | :--- |
| **Color** | Hyper Red | 630 nm - 640 nm |
| **Package Type** | Chip LED (SMD) | 1206 (3216 Metric) |
| **Forward Voltage ($V_f$)** | Typical voltage drop | 2.0V - 2.4V |
| **Forward Current ($I_f$)** | Standard operating current | 20mA |
| **Luminous Intensity** | Brightness at 20mA | 45 - 112 mcd |
| **Viewing Angle** | Beam spread | 130° |
| **Lens Type** | Material/Transparency | Water Clear |
---
## 2. Pinout and Internal Structure
As an SMD LED, the part has two main terminals. Polarity is critical for correct operation:
* **Anode (+):** The positive terminal, usually indicated by a small notch or mark on the underside of the PCB package.
* **Cathode (-):** The negative terminal, connected to the ground side of the circuit.
---
## 3. Circuit Integration
To use the LTHZ-243-R safely, a current-limiting resistor is required to prevent the LED from burning out.
### Basic Calculation Formula:
The resistor value ($R$) is calculated using Ohm's Law:
`R = (V_source - V_f) / I_f`
#### Example Circuit:
If using a **5V** power supply:
1. **V_source**: 5V
2. **V_f**: 2.0V
3. **I_f**: 0.02A (20mA)
4. **Result**: `(5 - 2.0) / 0.02 = 150 Ohms`
```cpp
// Schematic Representation
[+5V] --- [Resistor 150Ω] --- [Anode LTHZ-243-R Cathode] --- [GND]
```
---
## 4. Key Features
* **Reliability:** Long life-span compared to traditional bulbs.
* **Low Power:** Ideal for battery-powered applications due to low current draw.
* **Pick-and-Place Compatible:** Designed for automated assembly lines using Tape & Reel packaging.
* **RoHS Compliant:** Lead-free and environmentally friendly.
---
- ⤷What is the maximum peak pulse current for this LED?
- ⤷ Are there alternative colors available in the LTHZ-243 series?
- ⤷ What is the recommended reflow soldering temperature for this SMD component?