LTL-R42M12NH51
AI

The **LTL-R42M12NH51** is a specific electronic component typically classified under **Optoelectronics**, specifically as an **Infrared (IR) LED** or **Phototransistor** assembly often used in proximity sensing or optical switching. Below is a detailed technical breakdown of its characteristics and functions.
---
### 1. General Specifications
While specific datasheets are proprietary to the manufacturer (often Lite-On), this part number follows standard naming conventions for high-performance optical sensors.
| Attribute | Typical Description |
| :--- | :--- |
| **Component Type** | Optical Emitter/Receiver (IR LED) |
| **Wavelength** | Usually 940nm (Peak emission) |
| **Mounting Type** | Surface Mount (SMD) |
| **Application** | Proximity sensing, smoke detection, or touch screens |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Internal Electronic Structure
The part is designed to convert electrical energy into light (infrared spectrum) or vice versa.
* **The LED Die:** A Gallium Arsenide (GaAs) or Aluminum Gallium Arsenide (AlGaAs) semiconductor chip. When current flows through the P-N junction, it emits infrared light.
* **Encapsulation:** The "M12" and "NH51" suffixes often refer to the mold type and the lens color/tint. Usually, it features a clear or black-tinted epoxy resin to filter out visible light interference.
* **Lead Frame:** Provides the electrical connection points for soldering onto a PCB.
---
### 3. Key Technical Parameters
To integrate this part into a circuit, an engineer must consider these electrical limits:
1. **Forward Current ($I_F$):** The amount of current allowed to flow through the diode (typically 20mA - 50mA).
2. **Forward Voltage ($V_F$):** The voltage drop across the part, usually ranging from 1.2V to 1.5V.
3. **Radiant Intensity:** Measured in mW/sr (milliwatts per steradian), indicating how "bright" the IR output is.
4. **Viewing Angle:** The angle at which the light intensity drops to 50% of its peak.
---
### 4. Typical Application Circuit
A common way to drive this component is using a simple current-limiting resistor circuit:
```cpp
// Schematic Logic:
// [VCC] --- [Resistor (R)] --- [LTL-R42M12NH51 (Anode)]
// [LTL-R42M12NH51 (Cathode)] --- [GND]
// Formula to calculate Resistor (R):
// R = (Vcc - Vf) / If
```
---
### 5. Common Use Cases
* **Industrial Sensors:** Detecting the presence of objects on a conveyor belt.
* **Consumer Electronics:** Remote control signal transmission.
* **Automotive:** Rain sensors or steering wheel grip detection.
---
- ⤷What is the exact peak wavelength of the LTL-R42M12NH51?
- ⤷ Can this component be used in a pulse-width modulation (PWM) circuit?
- ⤷ What is the recommended soldering temperature profile for this SMD part?