Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LTPE-71-R/T

  • AI
    ## Technical Overview: LTPE-71-R/T Thermal Printer Mechanism The **LTPE-71-R/T** is a high-performance thermal printer mechanism developed by Seiko Instruments (SII). It is widely used in POS terminals, medical equipment, and portable labeling devices due to its compact design and high reliability. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Printing Method** | Thermal Line Dot Printing | | **Number of Dots** | 576 dots/line | | **Resolution** | 8 dots/mm (203 dpi) | | **Paper Width** | 79.5 mm / 80 mm | | **Print Speed (Max)** | 150 mm/s | | **Operating Voltage** | 24V DC (Head & Motor) | | **Interface** | Parallel / Serial (TTL) via Controller Board | --- ### 2. Core Electronic Components The "Electronic Parts" of this mechanism refer to the internal hardware required to drive the thermal head and paper movement. #### A. Thermal Print Head (TPH) * **Heating Elements:** A line of 576 resistors that heat up to create dots on thermosensitive paper. * **Driver ICs:** Integrated circuits mounted on the head that manage the data shifting and activation of the heating elements. * **Thermistor:** A built-in temperature sensor used to prevent overheating. The controller monitors this resistance to adjust print density and protect the head. #### B. Stepper Motor * **Function:** Controls the paper feed and platen roller rotation. * **Bipolar Drive:** Typically requires a 24V bipolar stepper driver circuit to ensure high-torque, precise line spacing. #### C. Sensors (Internal Detection) * **Paper-Out Sensor:** Usually a photo-interrupter that detects the presence of paper. * **Head-Up Sensor:** A mechanical or optical switch that detects if the thermal head is engaged with the platen. * **Home Position Sensor:** Specifically for models with an integrated cutter (like the "T" variant), ensuring the blade returns to the start position. --- ### 3. Integrated Auto-Cutter (T-Version Only) The **LTPE-71-T** includes an electronic cutter mechanism: * **Cutter Motor:** A dedicated DC motor that drives the slide blade. * **Limit Switches:** Used to signal the controller when the cut is complete to prevent motor stalling. --- ### 4. Connection Interface The mechanism connects via a **Flexible Printed Circuit (FPC)** or high-density ribbon cable. The pinout typically includes: 1. **VH (Head Voltage):** 24V power line. 2. **VDD (Logic Voltage):** 3.3V or 5V for internal ICs. 3. **Data Inputs:** Clock (CLK), Latch (LAT), Data In (DI), and Strobe (STB) signals to control which dots fire. 4. **Ground:** Logic and Power grounds are often separated to reduce noise. --- ### 5. Recommended Drive Circuitry To operate the LTPE-71-R/T, an external controller board (such as the **IF71-01AB** or a custom MCU-based board) must provide: * **PWM Control:** To manage the "Strobe" timing (longer pulse = darker print). * **Safety Logic:** An emergency cutoff circuit if the thermistor detects temperatures exceeding 70°C.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the R and T models?
    • ⤷ How do I calculate the strobe time for different paper types on the LTPE-71?
    • ⤷ Which stepper motor driver IC is most compatible with the LTPE-71 mechanism?