LV2461L-AF5-R
AI

The **LV2461L-AF5-R** is a specific low-voltage, rail-to-rail input/output operational amplifier (Op-Amp). It is commonly manufactured by Unisonic Technologies (UTC) and is designed for applications where power efficiency and a wide signal swing are critical.
---
### 1. General Specifications
The following table highlights the primary electrical characteristics of the device:
| Parameter | Value |
| :--- | :--- |
| **Type** | Operational Amplifier (Op-Amp) |
| **Supply Voltage Range** | 2.7V to 6.0V |
| **Input/Output Type** | Rail-to-Rail |
| **Bandwidth (GBW)** | ~6.4 MHz |
| **Slew Rate** | ~1.6 V/µs |
| **Supply Current** | ~500 µA per channel |
| **Package Type** | SOT-25 (AF5) |
---
### 2. Key Features
* **Rail-to-Rail Performance:** Unlike standard op-amps, this part can handle input and output signals that reach the full range of the positive and negative supply rails.
* **Low Voltage Operation:** Optimized for 3V and 5V systems, making it ideal for battery-powered devices.
* **High Input Impedance:** Utilizes CMOS technology to ensure minimal current leakage at the input pins.
* **ESD Protection:** Usually includes internal protection circuitry to prevent damage from electrostatic discharge.
---
### 3. Pin Configuration (SOT-25 / AF5)
The **AF5** suffix refers to the SOT-25 package. The standard pinout for this single-channel op-amp is:
1. **OUT:** Output of the amplifier.
2. **VSS:** Negative supply (or Ground).
3. **IN+:** Non-inverting input.
4. **IN-:** Inverting input.
5. **VDD:** Positive supply.
---
### 4. Part Number Breakdown
The suffixing provides specific information regarding the packaging and material:
* **LV2461:** Base part number (Rail-to-Rail Op-Amp).
* **L:** Lead-free/RoHS compliant.
* **AF5:** Package code for SOT-25.
* **R:** Tape and Reel packaging.
---
### 5. Common Applications
* **Portable Instrumentation:** Handheld meters and sensors.
* **Active Filters:** Low-pass or high-pass filters in battery-operated gear.
* **Buffer Amplifiers:** Used to isolate stages in a circuit without signal loss.
* **Sensor Interfacing:** Conditioning small signals from transducers for ADC input.
- ⤷
What are the equivalent alternative parts for the LV2461L?
- ⤷ How does 'Rail-to-Rail' input differ from 'Rail-to-Rail' output in this context?
- ⤷ What is the maximum output current this op-amp can drive?