LXK2-PD12-R00
AI

The **LXK2-PD12-R00** belongs to the **LUXEON K2** series of high-power LEDs manufactured by Lumileds. While this specific series is now considered "legacy" (discontinued or superseded by the LUXEON TX/Z lines), it was a pioneer in high-brightness LED technology.
Below are the detailed electronic and technical specifications for this part.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | Lumileds |
| **Series** | LUXEON K2 |
| **Color** | Red (Deep Red/Red) |
| **Wavelength (Typical)** | 627 nm |
| **Package Type** | Surface Mount (SMD) with slug for thermal management |
### 2. Absolute Maximum Ratings
To ensure the longevity of the component, the following limits should not be exceeded:
| Parameter | Maximum Rating |
| :--- | :--- |
| **Forward Current (DC)** | Up to 1000 mA (with adequate heat sinking) |
| **Peak Pulsed Current** | 1500 mA |
| **LED Junction Temperature** | 135°C |
| **Operating Case Temp** | -40°C to 120°C |
| **ESD Sensitivity** | > 8,000V (HBM) |
### 3. Electrical Characteristics
These values are typical at a test current of **350 mA** and a junction temperature of **25°C**:
* **Forward Voltage ($V_f$):**
* Minimum: 2.03 V
* Typical: 2.30 V
* Maximum: 3.03 V
* **Thermal Resistance ($R_{thj-c}$):** Approximately 9°C/W (low thermal resistance allows for high drive currents).
### 4. Optical Performance
| Metric | Value |
| :--- | :--- |
| **Luminous Flux (Typical)** | ~45 Lumens @ 350mA |
| **Viewing Angle** | 140 degrees (Lambertian radiation pattern) |
| **Radiometric Power** | High output suitable for signaling and illumination |
---
### 5. Design Considerations
* **Thermal Management:** The LXK2-PD12-R00 features a large "slug" on the bottom. This is **not** electrically neutral in some K2 models (check the specific datasheet footprint); it must be soldered to a metal-core PCB (MCPCB) to dissipate heat.
* **Drive Circuitry:** A constant current driver is required. Using a constant voltage source will lead to thermal runaway and component failure.
* **Lens Compatibility:** The dome is made of silicone, which is durable but sensitive to mechanical pressure.
---
- ⤷What is the recommended constant current driver for this LED?
- ⤷ Is the thermal slug on the LUXEON K2 series electrically isolated?
- ⤷ What are the modern alternatives to the LXK2-PD12-R00 for higher efficiency?