Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • LZ95B25

  • AI
    Based on technical specifications for Sharp semiconductor components, the **LZ95B25** is a specialized Integrated Circuit (IC), primarily functioning as a **Gate Array** or a custom **Timing Controller (TCON)** often found in legacy electronic equipment, specifically in imaging and display systems (like camcorders or LCD drivers). --- ## Technical Overview The LZ95B25 belongs to the CMOS gate array family. These components were designed to consolidate multiple logic functions into a single package to save board space and reduce power consumption. ### Key Specifications | Feature | Description | | :--- | :--- | | **Manufacturer** | Sharp Corporation | | **Logic Type** | CMOS Gate Array / Application Specific IC (ASIC) | | **Package Type** | QFP (Quad Flat Package) | | **Primary Use** | Signal Processing, Timing Control, and Logic Integration | | **Process Technology** | Sub-micron CMOS | --- ## Functional Breakdown The internal architecture of the LZ95B25 is composed of several electronic subsystems: ### 1. Logic Gates As a gate array, it contains a large matrix of uncommitted NAND/NOR gates that are interconnected during the final stage of manufacturing to perform specific tasks, such as: * Address decoding. * Signal multiplexing. * Data buffering. ### 2. Timing Control In many applications (especially Sharp video equipment), this IC acts as a master clock distributor. It synchronizes the data flow between the image sensor (CCD/CMOS) and the digital signal processor (DSP). ### 3. Interface Levels The device operates at standard logic levels (typically 3.3V or 5V depending on the specific sub-version), allowing it to interface directly with microprocessors and memory modules. --- ## Common Applications The LZ95B25 was widely integrated into the following hardware categories during the late 90s and early 2000s: * **Video Cameras:** Managing the timing pulses for CCD image sensors. * **LCD Modules:** Acting as an interface controller to translate RGB signals into panel-specific driving voltages. * **Office Automation:** Used in scanners and copiers for image data serialization. --- ## Repair & Identification Tips If you are troubleshooting a board containing the LZ95B25, keep the following in mind: 1. **Sensitivity:** Being a CMOS device, it is highly sensitive to **Electrostatic Discharge (ESD)**. Always use a grounded wrist strap when handling. 2. **Discontinuation:** This part is largely obsolete. If a failure is suspected, it is usually sourced from "donor" boards or specialized "New Old Stock" (NOS) electronics distributors. 3. **Visual Inspection:** Check for heat discoloration on the QFP pins, as timing controllers can run warm during extended operation.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the LZ95B25 QFP package?
    • ⤷ Is there a modern equivalent or replacement for the LZ95B25?
    • ⤷ How can I test if the LZ95B25 timing controller is functioning correctly?