Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M1E2G8I80-R

  • AI
    The **M1E2G8I80-R** is a specific part number typically associated with **M.2 Solid State Drives (SSDs)**, often manufactured by companies like **ADATA** (Industrial grade) or related industrial memory providers. Below is a breakdown of its electronic specifications and architecture. --- ## 1. Core Technical Specifications The part number follows a specific nomenclature defining its performance and capacity. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (22mm width x 80mm length) | | **Interface** | PCIe Gen3 x4 | | **Protocol** | NVMe 1.3 | | **Capacity** | 128GB to 512GB (Commonly 128GB based on the "I80" string) | | **Flash Type** | 3D TLC (Triple-Level Cell) | | **Operating Temp** | 0°C to 70°C (Commercial) or -40°C to 85°C (Industrial/Wide Temp) | --- ## 2. Electronic Components & Architecture ### A. The Controller The "brain" of the M1E2G8I80-R is the **NVMe Controller**. In these specific industrial models, it usually utilizes a Silicon Motion (SMI) or Marvell controller. - **Function:** Manages Wear Leveling, Bad Block Management, and ECC (Error Correction Code). - **Data Path:** Uses 4 lanes of PCIe, allowing for significantly higher throughput than SATA-based M.2 drives. ### B. NAND Flash Storage - **Architecture:** It utilizes **3D NAND** technology. Unlike 2D NAND (where cells are laid flat), 3D NAND stacks storage cells vertically. - **Benefit:** Increases density, improves reliability, and lowers power consumption per gigabyte. ### C. DRAM Cache / Host Memory Buffer (HMB) Depending on the specific sub-revision: - Some versions include a dedicated **DDR3/DDR4 DRAM chip** on the PCB to store the mapping table (FTL), which speeds up data access. - Lower-power versions might be "DRAM-less," utilizing **HMB** (Host Memory Buffer) to borrow a small portion of the system's RAM for the same purpose. --- ## 3. Key Electronic Features ### Power Integrity These industrial-grade parts often feature **Power Loss Protection (PLP)** via tantalum capacitors or specialized firmware. This prevents data corruption if the host device loses power unexpectedly during a write operation. ### Data Protection Logic 1. **LDPC ECC:** Low-Density Parity-Check code is used to detect and fix bit errors caused by electronic noise or cell wear. 2. **AES 256-bit Encryption:** Hardware-based encryption to secure data at rest. 3. **End-to-End Data Path Protection:** Ensures data is not corrupted as it travels from the host to the NAND flash. --- ## 4. Usage Environment The **"-R" suffix** often indicates a specific revision or a "Retail/Industrial Packaging" designation. Because of the high MTBF (Mean Time Between Failures) of approximately 2 million hours, this part is commonly found in: - Industrial PCs (IPCs) - Automation Controllers - Medical Equipment - Digital Signage
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the M1E2G8I80-R model?
    • ⤷ How does PCIe Gen3 x4 performance compare to SATA M.2 drives?
    • ⤷ Does this specific part number support wide-temperature industrial operations?