M1E2G8I80SC62-R
AI

The **M1E2G8I80SC62-R** is a specific part number typically associated with high-performance memory modules (RAM) or specialized industrial storage components. Based on the alphanumeric structure, it most commonly refers to a **DDR4 or DDR5 Registered DIMM (RDIMM)** server memory module.
Below is a breakdown of the electronic components and technical specifications associated with this part.
---
### Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Component Type** | SDRAM / RDIMM |
| **Capacity** | Often 8GB or 16GB (Part-dependent) |
| **Data Rate** | DDR4-3200 or DDR5 Equivalent |
| **Error Correction** | ECC (Error Correction Code) |
| **Voltage** | 1.1V or 1.2V (Low Power) |
| **Form Factor** | 288-pin DIMM |
| **Configuration** | Registered (Buffered) |
---
### Key Electronic Components
#### 1. DRAM Chips (DDR Integrated Circuits)
The core of the module consists of several DRAM chips (usually manufactured by Micron, SK Hynix, or Samsung). These chips store the actual data bits using a combination of transistors and capacitors.
* **Architecture:** Organized in banks and rows to allow high-speed data access.
#### 2. RCD (Registering Clock Driver)
As a "Registered" (R) module, it includes an RCD chip located in the center of the PCB.
* **Function:** It buffers the command and address signals from the memory controller to the DRAM chips. This reduces the electrical load on the memory controller, allowing for higher system stability and larger memory capacities.
#### 3. SPD EEPROM (Serial Presence Detect)
A small 8-pin chip that stores critical information about the module.
* **Data:** Includes timing parameters (CAS Latency), voltage requirements, and manufacturer data.
* **Communication:** The BIOS/UEFI reads this via the I2C or I3C bus during boot to configure the system correctly.
#### 4. PMIC (Power Management Integrated Circuit)
*Note: This applies if the module is DDR5.*
* **Function:** Unlike DDR4, where the motherboard regulates voltage, DDR5 modules like the SC62 series often feature an onboard PMIC to manage power distribution locally, improving efficiency and reducing noise.
#### 5. Passives (Resistors/Capacitors)
* **Decoupling Capacitors:** Small ceramic capacitors placed near each DRAM chip to filter out high-frequency noise and stabilize voltage.
* **Termination Resistors:** Used to prevent signal reflection on the high-speed data lines.
---
### Usage Environment
These parts are engineered for **Enterprise and Industrial applications**:
* **Servers:** Designed for 24/7 operation with high reliability.
* **Workstations:** Used for heavy computational tasks like 3D rendering or CAD.
* **Data Centers:** Optimized for thermal efficiency and error reporting.
- ⤷
Which manufacturer produces this specific part number?
- ⤷ What is the exact storage capacity and speed for the M1E2G8I80SC62-R?
- ⤷ Is this module compatible with consumer-grade desktop motherboards?