Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M1EXR-2-R/Q

  • AI
    The **M1EXR-2-R/Q** is a specific model within the **M1E Series** of electronic timers, typically manufactured by companies like **Crouzet** or specialized industrial automation firms. This component is an industrial-grade plug-in relay designed for precise time-delay functions. --- ### 1. Key Technical Specifications The "R/Q" designation usually refers to the specific output configuration and terminal layout. | Feature | Specification | | :--- | :--- | | **Function** | Multi-function Timer (Delay on Make, Interval, etc.) | | **Voltage Range** | Multi-voltage (typically 24V DC to 240V AC) | | **Output Type** | Relay (Changeover contacts) | | **Mounting** | 8-pin or 11-pin Plug-in (Q/R versions vary by base) | | **Time Range** | Adjustable (from 0.1s to 100 hours) | | **Operating Temp** | -20°C to +60°C | --- ### 2. Electronic Component Breakdown The internal circuitry of the M1EXR-2-R/Q consists of three primary stages: #### A. Power Supply & Regulation Stage * **Bridge Rectifier:** Allows the device to accept both AC and DC input voltages. * **Voltage Regulator:** Drops the input line voltage down to a stable low-voltage DC (usually 5V or 12V) to power the internal timing logic. #### B. Timing Logic (The "Brain") * **Oscillator/Microcontroller:** Modern units use a small CMOS microcontroller or a dedicated timing IC (Integrated Circuit). * **Potentiometers:** Variable resistors connected to the front dials. These change the RC (Resistor-Capacitor) time constant or provide an analog input to the microcontroller to set the delay duration. * **DIP Switches:** Internal or side-mounted selectors used to choose the specific function (e.g., Delay on Energization vs. Flasher mode). #### C. Output Stage * **Electromechanical Relay:** The final stage is a physical relay. When the timer reaches the set value, the logic energizes a coil which moves the armature. * **Contact Material:** Usually Silver Nickel (AgNi) for high conductivity and resistance to arcing. --- ### 3. Wiring Configuration (General) For the **R/Q** series, the wiring typically follows standard industrial pinouts: 1. **Pins 2 & 7 (or 2 & 10):** Power Supply (A1/A2). 2. **Pins 1, 3, 4:** First set of Changeover contacts (Common, NO, NC). 3. **Pins 8, 6, 5:** Second set of Changeover contacts (Common, NO, NC). --- ### 4. Application Examples * **Motor Starters:** Delaying the transition from Star to Delta configuration. * **HVAC Systems:** Preventing short-cycling of compressors by enforcing a 5-minute delay between restarts. * **Lighting Control:** Automatically turning off stairs or hallway lights after a set duration. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'R' and 'Q' sub-models in this series?
    • ⤷ How do I calibrate the time delay accuracy using the front dials?
    • ⤷ Can this relay handle inductive loads like high-power solenoids?