M22-WRLK-R
AI

The **M22-WRLK-R** is a specific part number within the **Eaton (Moeller) RMQ-Titan** series of industrial control circuit devices. It is a high-quality, illuminated selector switch head designed for panel mounting.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
The M22-WRLK-R is an **illuminated selector switch** actuator. It is important to note that this part number typically refers to the **actuator head only**. To form a functional electronic switch, it must be paired with a contact block and an LED element.
| Feature | Specification |
| :--- | :--- |
| **Series** | M22 (RMQ-Titan) |
| **Actuator Type** | Selector Switch (Thumb-grip) |
| **Function** | Maintained (Stay-put) |
| **Positions** | 2-position (e.g., 0 - 1) |
| **Illumination** | Yes (Red) |
| **IP Rating** | IP66 (Dust-tight, protected against heavy seas) |
| **Mounting Diameter** | 22.5 mm |
---
### 2. Electronic Component Breakdown
To understand the "electronic" side of this device, you must look at how it interacts with its modular accessories:
#### A. Illumination (LED Element)
* **Light Source:** This unit uses a red lens. For it to light up, an **M22-LED-R** (Red LED) block must be clipped to the back.
* **Voltage Options:** LED blocks are available in various ranges:
* 12 - 30 V AC/DC
* 85 - 264 V AC
* **Power Consumption:** Typically very low (~5-15 mA).
#### B. Contact Blocks (The Switching Logic)
The actuator physically moves a plunger that activates **M22-K10** (Normally Open) or **M22-K01** (Normally Closed) contact blocks.
* **Rated Operational Voltage (Ue):** Up to 500V AC.
* **Rated Operational Current (Ie):** 6A at 230V (AC-15).
* **Compatibility:** Can hold up to two levels of contact blocks (typically 4 to 6 contacts total depending on the mounting adapter).
---
### 3. Physical & Environmental Data
| Property | Details |
| :--- | :--- |
| **Switching Angle** | 60° |
| **Color** | Red (Lens) / Titanium (Bezel) |
| **Operating Temperature** | -25°C to +70°C |
| **Mechanical Lifespan** | > 100,000 Operations |
---
### 4. Required Assembly Parts
To make the M22-WRLK-R functional in a circuit, you generally need the following items:
1. **M22-WRLK-R**: The selector head (this part).
2. **M22-A**: The mounting adapter (clips the head to the contacts).
3. **M22-LED-R**: The red light engine.
4. **M22-K10/K01**: The electrical contact blocks.
---
- ⤷
What is the difference between the M22-WRLK and the M22-WLK (momentary vs maintained)?
- ⤷ Can this switch be used with a 24V DC power supply for the illumination?
- ⤷ What is the NEMA rating for the M22-WRLK-R actuator?