M23LR64-R-MB6T/2
AI

## Technical Overview of M23LR64-R-MB6T/2
The **M23LR64-R-MB6T/2** is a sophisticated Dual-Interface EEPROM IC developed by STMicroelectronics. It is designed to act as a bridge between wireless NFC/RFID communication and standard wired I2C interfaces.
### Core Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 64 Kbits (8192 bytes) |
| **Interface 1** | I2C (Serial) |
| **Interface 2** | ISO 15693 / ISO 18000-3 Mode 1 (RF) |
| **RF Operating Frequency** | 13.56 MHz |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Package Type** | TSSOP8 |
| **Energy Harvesting** | Yes (Analog output pin) |
| **Data Retention** | 40 Years |
---
### Key Electronic Features
#### 1. Dual Interface Access
The chip allows data to be read or written via two distinct paths:
* **Contactless (RF):** Accessed through an external antenna connected to the AC0 and AC1 pins. It operates at 13.56 MHz.
* **Contact (I2C):** A standard two-wire industrial interface for communication with a microcontroller (MCU).
#### 2. Energy Harvesting Mode
One of the most unique features is the **Vout pin**. When the device is placed in an induction field (from an NFC phone or RFID reader), it can harvest the electromagnetic energy and output a small voltage to power external components, such as a low-power MCU or a sensor.
#### 3. Configurable Password Protection
The memory is divided into sectors. You can apply 32-bit password protection to prevent unauthorized reading or writing via the RF interface, ensuring data security for sensitive information.
#### 4. RF Status Pin (RF WIP/BUSY)
The device includes a dedicated pin to signal the MCU when an RF operation is in progress. This prevents data collisions between the I2C and RF interfaces.
---
### Pin Configuration (TSSOP8)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | **AC0** | Antenna connection |
| 2 | **AC1** | Antenna connection |
| 3 | **Vout** | Energy harvesting output |
| 4 | **Vss** | Ground |
| 5 | **SDA** | I2C Data |
| 6 | **SCL** | I2C Clock |
| 7 | **RF WIP/BUSY** | RF activity indicator |
| 8 | **Vcc** | Power Supply |
---
### Common Applications
* **Industrial Automation:** Updating configuration parameters via a smartphone without powering on the machine.
* **Medical Devices:** Storing patient logs or calibration data that can be read through a sealed plastic casing.
* **Consumer Electronics:** Bluetooth pairing or Wi-Fi handoff using NFC.
* **Smart Labels:** Electronic Shelf Labels (ESL) where energy harvesting helps drive a small display.
- ⤷
How do I calculate the required antenna inductance for the AC0/AC1 pins?
- ⤷ What is the maximum current output available from the Vout energy harvesting pin?
- ⤷ Can the I2C and RF interfaces access the memory simultaneously?