AI

The **M24C01-RDS3TG/W** is a specific variant of a serial EEPROM (Electrically Erasable Programmable Memory) chip manufactured by **STMicroelectronics**. It is commonly used for parameter storage in consumer electronics, industrial sensors, and medical devices.
---
## 1. Technical Specifications
Below is a summary of the core electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (128 Bytes organized as 128 x 8) |
| **Interface** | I²C (Two-Wire Serial) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Operating Temp** | -40°C to +125°C |
| **Write Cycles** | 1 Million (Typical) |
| **Data Retention** | 40 Years (Minimum) |
---
## 2. Pin Configuration (TSSOP8)
The device typically follows the standard I²C EEPROM pinout:
1. **E0, E1, E2:** Address inputs (used to set the device hardware address).
2. **Vss:** Ground.
3. **SDA:** Serial Data (Bidirectional).
4. **SCL:** Serial Clock (Input).
5. **WC:** Write Control (Hardware Write Protection).
6. **Vcc:** Power Supply.
---
## 3. Part Number Breakdown
The suffix code provides details on the specific packaging and environmental standards:
* **M24C01:** The base series (I²C EEPROM, 1 Kbit).
* **R:** Operating voltage range (1.8V to 5.5V).
* **DS:** Indicates the package (TSSOP8, 3mm width).
* **3:** Indicates the temperature grade (Grade 3: -40 to +125 °C).
* **TG:** Tape & Reel packing.
* **W:** Indicates a specific "Process" or "Wafer" technology detail (often implying High-Reliability or Halogen-free).
---
## 4. Key Electronic Features
### I²C Communication
The chip operates as a "Slave" on the I²C bus. It requires a start condition, an 8-bit device select code (including the read/write bit), and an acknowledgment bit (ACK) for every byte transferred.
### Write Protection (WC Pin)
* If the **WC** pin is connected to **Vcc**, the entire memory is write-protected (Read-only).
* If the **WC** pin is connected to **Vss** (Ground), the memory is fully writable.
### Byte and Page Write
The device supports both **Byte Write** (writing one byte at a time) and **Page Write** (writing up to 16 bytes in a single sequence), which improves efficiency during large data updates.
---
- ⤷
What is the maximum I2C bus speed supported by this chip?
- ⤷ How does the Write Control (WC) pin function in a circuit?
- ⤷ Can you explain the difference between the M24C01 and M24C02 models?