M24C02-RBN6TP/G
AI

The **M24C02-RBN6TP/G** is a specific variant of the standard 2-Kbit serial I²C Bus EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (256 x 8 bits) |
| **Interface** | I²C (Inter-Integrated Circuit) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) / 100 kHz (Standard) |
| **Write Cycle Time** | 5 ms (Max) |
| **Package Type** | PDIP8 (Plastic Dual In-line Package) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Pin Configuration (PDIP8)
The device typically follows the standard 8-pin EEPROM pinout:
1. **E0, E1, E2 (Pins 1-3):** Chip Enable inputs. Used to set the hardware address of the device, allowing up to 8 devices on the same I²C bus.
2. **Vss (Pin 4):** Ground.
3. **SDA (Pin 5):** Serial Data (Bidirectional).
4. **SCL (Pin 6):** Serial Clock.
5. **WC (Pin 7):** Write Control. If connected to Vcc, write operations are inhibited (Read-only mode). If connected to Vss, write operations are enabled.
6. **Vcc (Pin 8):** Power Supply.
---
### 3. Detailed Part Number Breakdown
Understanding the suffix helps in identifying the specific physical and chemical properties of the component:
* **M24C02**: Base series (I²C EEPROM, 2 Kbit).
* **-R**: Indicates the voltage range (1.8V to 5.5V).
* **BN**: Refers to the **PDIP8** package (Plastic Dual In-line).
* **6**: Operating temperature range (Industrial: -40°C to +85°C).
* **TP**: Tape & Reel packing (though BN/PDIP is usually bulk/tube, TP suggests specific packaging or Tape/Ammo).
* **G**: Indicates **ECOPACK2** (RoHS compliant, Halogen-free, and lead-free).
---
### 4. Application and Usage
This chip is primarily used for non-volatile storage of small amounts of data that must be preserved when power is removed, such as:
* **Configuration Settings:** Storing user preferences or calibration data.
* **Device Identification:** Storing serial numbers or MAC addresses.
* **Counter Storage:** Maintaining state information in consumer electronics.
---
- ⤷
What are the main differences between the M24C02 and the M24C04 versions?
- ⤷ How do I wire the WC (Write Control) pin if I want to allow constant data updates?
- ⤷ What is the maximum number of write cycles this EEPROM can handle?