M24C08-RBN6TP/S
AI

## Technical Overview: M24C08-RBN6TP/S
The **M24C08-RBN6TP/S** is a specific variant of an 8-Kbit serial I²C EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by **STMicroelectronics**. It is designed for low-power and low-voltage applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (1024 x 8 bits) |
| **Interface** | I²C (Two-wire serial interface) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) |
| **Package Type** | DIP8 (Dual In-line Package) |
| **Operating Temperature** | -40°C to +85°C |
| **Write Cycles** | 4 million cycles (typical) |
| **Data Retention** | 200 Years |
---
### 2. Part Number Breakdown
The suffixing in the part number provides specific details about the physical and electrical characteristics:
* **M24**: Standard I²C Family.
* **C08**: 8 Kbit density.
* **-R**: Range 1.8V to 5.5V supply voltage.
* **B**: Device revision/process technology.
* **N**: Package type (PDIP8).
* **6**: Temperature range (-40 to +85°C).
* **TP/S**: Tape & Reel packaging / Specific manufacturing flow.
---
### 3. Pin Configuration (DIP8)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1, 2, 3 | E1, E2, E3 | **Chip Enable**: Used to address multiple devices on the same bus. |
| 4 | Vss | **Ground**. |
| 5 | SDA | **Serial Data**: Bidirectional pin for data transfer. |
| 6 | SCL | **Serial Clock**: Synchronizes data movement. |
| 7 | WC | **Write Control**: Hardware protection; if tied to Vcc, write operations are inhibited. |
| 8 | Vcc | **Supply Voltage**. |
---
### 4. Functional Features
* **Page Write Mode**: Supports writing up to 16 bytes in a single write cycle, significantly improving throughput for large data sets.
* **Random and Sequential Read**: Data can be read starting from a specific address or sequentially across the entire memory map.
* **Hardware Write Protection**: The `WC` pin allows the user to protect the entire memory area from accidental write instructions.
* **Self-Timed Write Cycle**: The internal write cycle is controlled by the chip itself and typically takes less than 5ms.
---
### 5. Typical Applications
* **Consumer Electronics**: Storing user settings, calibration data, and system configurations.
* **Industrial**: Parameter logging and identification modules.
* **Medical**: Serial number storage and device usage tracking.
- ⤷
How does the Write Control (WC) pin differ from software-based write protection?
- ⤷ What is the maximum number of M24C08 devices that can be connected to a single I2C bus?
- ⤷ What are the advantages of using the DIP8 package version over the SO8 version in prototyping?