M24C08-RDS3TP/G
AI

## M24C08-RDS3TP/G Technical Overview
The **M24C08-RDS3TP/G** is a specific variant of the M24C08 family of Electrically Erasable Programmable Read-Only Memory (EEPROM) devices manufactured by **STMicroelectronics**. It is widely used for non-volatile data storage in consumer electronics, industrial controls, and computing.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (1024 x 8 bits) |
| **Interface** | $I^2C$ (Inter-Integrated Circuit) |
| **Clock Frequency** | 400 kHz (Fast Mode) / 100 kHz (Standard) |
| **Supply Voltage ($V_{CC}$)** | 1.8V to 5.5V |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade 3) |
| **Write Cycles** | 4 million cycles |
| **Data Retention** | 200 Years |
---
### 2. Functional Description
The device is organized as four blocks of 256 bytes each. Because the $I^2C$ protocol uses 7-bit addressing, the M24C08 uses functional "Device Select" codes to navigate these blocks.
#### Pin Configuration (TSSOP8)
1. **E2 (Chip Enable):** Used to define the device address.
2. **SDA (Serial Data):** Bi-directional pin used to transfer data in and out.
3. **SCL (Serial Clock):** Used to synchronize data transfer.
4. **WC (Write Control):** A hardware protection pin. If tied to $V_{CC}$, write operations are inhibited. If tied to $V_{SS}$ (Ground), the entire memory is writeable.
5. **VSS/VCC:** Ground and Supply voltage pins.
---
### 3. Understanding the Part Number Suffixes
The string `RDS3TP/G` provides specific information about the packaging and grade:
* **R:** Operating voltage range (1.8V to 5.5V).
* **DS:** Refers to the TSSOP8 package (3x4.4 mm body).
* **3:** Indicates **Grade 3** temperature range (-40 to +125 °C), making it suitable for high-heat environments.
* **TP:** Tape & Reel packaging (for automated assembly).
* **G:** ECOPACK2 (RoHS compliant/Green).
---
### 4. Application Circuit Example
To interface this EEPROM with a microcontroller (MCU), pull-up resistors are required on the SDA and SCL lines.
```cpp
// Typical I2C Write sequence (Pseudocode)
1. Start Condition
2. Send Device Address (0xA0 | Block Select)
3. Send Word Address (0x00 - 0xFF)
4. Send Data Byte
5. Stop Condition
6. Wait for Internal Write Cycle (approx. 5ms)
```
---
### 5. Features and Benefits
* **Byte and Page Write:** Supports writing a single byte or a page of up to 16 bytes.
* **Random and Sequential Read:** Flexible data retrieval methods.
* **Enhanced ESD Protection:** Designed to withstand high electrostatic discharge, exceeding 4000V (Human Body Model).
* **Low Power Consumption:** Minimal current draw in standby mode, ideal for battery-powered devices.
- ⤷
What is the difference between the M24C08 and the M24C16 in terms of addressing?
- ⤷ How does the Write Control (WC) pin behave if left floating?
- ⤷ Can this specific 'Grade 3' part be used in automotive applications?