M24C08-RMB6TP/G
AI

## Technical Overview: M24C08-RMB6TP/G
The **M24C08-RMB6TP/G** is a high-performance, low-voltage **EEPROM** (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is part of the standard $I^2C$ serial bus family.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (1024 x 8 bits) |
| **Interface** | $I^2C$ (Two-wire Serial) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode), 1 MHz (Fast Mode Plus) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temp** | -40°C to +85°C |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
---
### 2. Part Number Breakdown
Understanding the suffix codes helps identify the specific variant:
* **M24**: Standard $I^2C$ Family.
* **C08**: 8 Kbit density.
* **-R**: Range of supply voltage (1.8V to 5.5V).
* **MB**: UFDFPN8 package (2x3 mm).
* **6**: Industrial temperature range (-40°C to 85°C).
* **TP**: Tape & Reel packing.
* **G**: ECOPACK2 (RoHS compliant/Green).
---
### 3. Functional Features
* **Byte and Page Write:** Supports writing a single byte or a full page (up to 16 bytes) in a single write cycle.
* **Write Protection:** Includes a Hardware Write Control ($WC$) pin. When held high, the entire memory becomes read-only.
* **Random and Sequential Read:** Allows for reading data from a specific address or streaming data sequentially across the entire memory map.
* **Low Power Consumption:** Optimized for battery-powered devices with low active and standby currents.
---
### 4. Typical Application Circuit
The device communicates via a Clock ($SCL$) and Data ($SDA$) line. Pull-up resistors are required on these lines.
```c
// Example I2C Address Mapping for 8Kbit EEPROM
// The 8Kbit is divided into 4 blocks of 256 bytes.
// Device Address: 1 0 1 0 [E2][P1][P0][R/W]
#define EEPROM_ADDR 0xA0 // Base address
```
---
### 5. Common Use Cases
1. **Consumer Electronics:** Storing user settings, calibration data, and volume levels in smart devices.
2. **Medical Devices:** Logging sensor data or storing configuration profiles.
3. **Industrial:** Storing serial numbers, firmware versioning, and identification codes.
---
- ⤷What is the difference between the M24C08 and the M24C16 models?
- ⤷ How do I implement the Hardware Write Protection (WC) pin?
- ⤷ What are the recommended values for the I2C pull-up resistors?