Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M24C32-RBN3P

  • AI
    ## Technical Overview of the M24C32-RBN3P The **M24C32-RBN3P** is a 32-Kbit serial I²C (Inter-Integrated Circuit) EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by **STMicroelectronics**. It is widely used for non-volatile data storage in consumer electronics and industrial applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,096 bytes × 8 bits) | | **Interface** | I²C Serial (Two-wire) | | **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) | | **Write Cycle Time** | 5 ms (Internal Timer) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Type** | PDIP8 (Plastic Dual In-line Package, 8 pins) | | **Data Retention** | > 40 Years | | **Endurance** | 1 Million Write Cycles | --- ### 2. Pinout Configuration The device comes in an 8-pin package. Below is the functional description of each pin: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1, 2, 3 | E0, E1, E2 | **Chip Enable**: Used to set the device hardware address. Up to 8 devices can share the same bus. | | 4 | $V_{SS}$ | **Ground**. | | 5 | SDA | **Serial Data**: Bidirectional pin for sending and receiving data. | | 6 | SCL | **Serial Clock**: Input for synchronizing data transfers. | | 7 | WC | **Write Control**: Hardware protection. If tied to $V_{CC}$, writes are disabled. | | 8 | $V_{CC}$ | **Supply Voltage**. | --- ### 3. Core Features and Functionality #### I²C Communication The chip operates as a **Slave** device on the I²C bus. It requires a Master (like a microcontroller) to initiate communication via the `SCL` and `SDA` lines. #### Write Protection (WC Pin) The "WC" pin is a hardware safety feature. - **WC = High ($V_{CC}$):** The entire memory is write-protected (Read-only mode). - **WC = Low ($V_{SS}$):** The memory is writable. #### Page Write Buffer The device features a **32-byte page write** mode. This allows the microcontroller to send up to 32 bytes of data in a single burst before the EEPROM starts its internal write cycle (which takes about 5ms). --- ### 4. Part Number Decoding The suffix **RBN3P** provides specific details about the packaging and environmental standards: * **R**: Operating voltage range (1.8V to 5.5V). * **BN**: Package type (PDIP8). * **3**: Temperature range (-40°C to +85°C). * **P**: Lead-free and RoHS compliant (Green). --- ### 5. Common Applications * **Configuration Storage:** Storing calibration data or user settings. * **Device ID:** Storing serial numbers or MAC addresses. * **Data Logging:** Storing small amounts of sensor data over time. * **Microcontroller Projects:** Ideal for Arduino or ESP32 projects needing non-volatile storage beyond the internal flash.
    ✨ Follow-up Questions
    • ⤷ How do you calculate the I2C device address for the M24C32 based on the E0-E2 pins?
    • ⤷ What is the difference between Byte Write and Page Write operations in this chip?
    • ⤷ Can this EEPROM be interfaced directly with a 3.3V microcontroller without level shifters?