M24C32-RMB5TGA
AI

The **M24C32-RMB5TGA** is a specific variant of the M24C32 family of Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by **STMicroelectronics**. It is widely used for parameter storage in consumer electronics and industrial applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 32 Kbit (4,096 bytes x 8 bits) |
| **Interface** | I²C (Two-wire serial interface) |
| **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Package Type** | UFDFPN5 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temperature** | -40°C to +85°C |
| **Write Cycles** | More than 4 million cycles |
| **Data Retention** | 200 Years |
---
### 2. Detailed Component Breakdown
#### A. Memory Architecture
The device is organized as 4,096 bytes. It uses a page-write structure, allowing up to **32 bytes** to be written in a single instruction cycle, which significantly improves write efficiency compared to byte-by-byte writing.
#### B. The I²C Protocol
The part operates as a slave on the I²C bus. It requires:
* **SCL (Serial Clock):** Controls the data flow.
* **SDA (Serial Data):** Bi-directional line for addresses and data.
* **Device Address:** It usually has a hardcoded prefix (`1010`), followed by configurable address bits to allow multiple EEPROMs on the same bus.
#### C. Write Protection
This specific series includes a **Write Control (WC)** pin.
* If **WC** is high (Vcc), the entire memory becomes read-only, protecting data from accidental corruption.
* If **WC** is low (GND), the memory is writable.
---
### 3. Decoding the Part Number (M24C32-RMB5TGA)
Understanding the suffix helps in identifying physical and electrical characteristics:
| Code | Meaning |
| :--- | :--- |
| **M24** | I²C Serial Access EEPROM |
| **C32** | 32 Kbit capacity |
| **-R** | Voltage range: 1.8V to 5.5V |
| **MB** | Package: UFDFPN5 (DFN5) |
| **5** | Temperature range: Industrial (-40°C to +85°C) |
| **TG** | Packing: Tape & Reel |
| **A** | Automotive or Enhanced reliability process (Specific to ST nomenclature) |
---
### 4. Implementation Example (C++ Pseudo-code)
To read a byte from this EEPROM using an Arduino-style I²C library:
```cpp
#include
#define EEPROM_ADDR 0x50 // Base I2C address
uint8_t readEEPROM(uint16_t address) {
uint8_t data = 0xFF;
Wire.beginTransmission(EEPROM_ADDR);
Wire.write((int)(address >> 8)); // MSB of memory address
Wire.write((int)(address & 0xFF)); // LSB of memory address
Wire.endTransmission();
Wire.requestFrom(EEPROM_ADDR, 1);
if (Wire.available()) data = Wire.read();
return data;
}
```
- ⤷
How does the UFDFPN5 package differ from a standard SO8 package?
- ⤷ What are the power consumption levels in Standby mode for this device?
- ⤷ Can I use this EEPROM on a 3.3V system without level shifters?