AI

The **M24C64-RMB5TG** (noting the specific suffix variation typical for this series) is a 64-Kbit serial I2C bus EEPROM (Electrically Erasable Programmable Memory). It is widely used for parameter storage, configuration data, and low-power logging in consumer electronics and industrial applications.
---
## 1. Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 64 Kbits (8,192 x 8 bits) |
| **Interface** | I2C (Two-Wire Serial) |
| **Clock Frequency** | up to 1 MHz (Fast-mode Plus) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V (R-suffix range) |
| **Write Cycle Time** | 5 ms (Maximum) |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
| **Operating Temp** | -40°C to +85°C |
---
## 2. Pin Configuration and Functions
The device is typically housed in small footprints like **UFDFPN8** or **TSSOP8**. The pinout generally follows the standard I2C EEPROM mapping:
1. **E0, E1, E2 (Address Inputs):** Used to set the hardware chip address. This allows up to 8 such devices to be connected to the same I2C bus.
2. **Vss:** Ground.
3. **SDA (Serial Data):** Bi-directional pin used to transfer data in and out of the device.
4. **SCL (Serial Clock):** Used to synchronize data movements.
5. **WC (Write Control):** A hardware protection pin. If tied to Vcc, write operations are disabled. If tied to Vss, the entire memory is write-enabled.
6. **Vcc:** Supply voltage.
---
## 3. Core Technical Features
### Byte and Page Write
The M24C64 allows for single-byte writing or **Page Write** operations of up to 32 bytes. Using Page Write is more efficient as it reduces the overall time needed to update large blocks of data.
### Low Power Consumption
Designed for battery-operated devices, it features:
* **Active Read Current:** < 2 mA
* **Standby Current:** < 1 µA (at 1.8V)
### Reliability Features
* **Schmitt Triggers:** Inputs are filtered to suppress noise on the SCL and SDA lines.
* **Internal Error Correction Code (ECC):** The device includes internal logic to detect and correct single-bit errors, significantly boosting the 4-million-cycle endurance rating.
---
## 4. Usage in Circuit Design
```cpp
// Example: Conceptual I2C Write logic
// 1. Send Device Address (e.g., 0xA0)
// 2. Send 2-byte Memory Address (0x0000 to 0x1FFF)
// 3. Send Data Byte
// 4. Wait for Internal Write Cycle (max 5ms)
```
To ensure stable operation, it is recommended to place a **0.1µF decoupling capacitor** as close to the Vcc pin as possible and use **pull-up resistors** (typically 4.7kΩ to 10kΩ) on the SDA and SCL lines.
---
- ⤷
What are the differences between the M24C64 and the M24C32 models?
- ⤷ How does the Write Control (WC) pin behave if left floating?
- ⤷ Can this EEPROM be used with a 5V Arduino system?