AI

The **M24M01-RMW6P** is a high-density, low-power non-volatile memory chip manufactured by STMicroelectronics. It belongs to the **1-Mbit I²C (Inter-Integrated Circuit)** serial EEPROM family.
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 1 Megabit (1,024 Kbits / 128 Kbytes) |
| **Interface** | I²C Serial (Two-Wire) |
| **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V |
| **Maximum Clock Frequency** | 1 MHz (Fast-Mode Plus), 400 kHz, 100 kHz |
| **Package Type** | SO8N (8-lead Narrow SOIC) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
### 2. Electronic Architecture and Pinout
The device uses a standard 8-pin configuration. The pins are critical for power management and communication:
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1, 2, 3 | E1, E2, E3 | **Chip Enable:** Used to set the hardware address (allows multiple chips on the same bus). |
| 4 | $V_{SS}$ | **Ground.** |
| 5 | SDA | **Serial Data:** Bidirectional pin for transferring data. |
| 6 | SCL | **Serial Clock:** Provides the synchronization signal for data transfer. |
| 7 | WC | **Write Control:** Hardware protection pin. When high ($V_{CC}$), write operations are inhibited. |
| 8 | $V_{CC}$ | **Supply Voltage.** |
---
### 3. Functional Capabilities
* **Byte and Page Write:** Supports writing a single byte or a full page of 256 bytes.
* **Random and Sequential Read:** Data can be accessed from a specific address or read continuously.
* **Device Addressing:** The first byte of any I²C communication (Device Select Code) includes the hardware-defined address pins (E1, E2).
* **Low Power Consumption:**
* Active Read Current: < 2 mA.
* Standby Current: < 5 $\mu$A (at 1.8V).
---
### 4. Application Logic (I²C Implementation)
To communicate with the M24M01, a microcontroller must follow the I²C protocol sequence:
1. **Start Condition.**
2. **Device Select Code** (1010 + E2 + E1 + A16 + R/W).
3. **Address Bytes** (Two bytes to specify the 17-bit memory location).
4. **Data Transfer.**
5. **Stop Condition.**
---
- ⤷
What are the differences between the M24M01-R and the M24M01-F variants?
- ⤷ How does the 'Write Control' (WC) pin behave if left floating?
- ⤷ Can this EEPROM be used in automotive applications requiring AEC-Q100?