M24M01-RMW6TP/A
AI

## M24M01-RMW6TP/A: Electronic Component Analysis
The **M24M01-RMW6TP/A** is a high-density, high-performance **EEPROM** (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It belongs to the I²C-compatible serial memory family.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 1 Mbit (128 Kbytes × 8 bits) |
| **Interface** | I²C Serial (Two-Wire) |
| **Clock Frequency** | 1 MHz (Fast-mode Plus), 400 kHz, 100 kHz |
| **Operating Voltage** | 1.8V to 5.5V |
| **Package Type** | SO8N (8-lead Small Outline, 150 mils width) |
| **Page Size** | 256 Bytes |
| **Write Cycle Time** | 5 ms (Maximum) |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
### 2. Functional Description
The M24M01-RMW6TP/A functions as a non-volatile storage device designed for parameter storage, user data, and configuration settings in various electronic systems.
#### Pin Configuration (SO8N)
1. **E2 (Chip Enable):** Used to define the device address (allows multiple devices on the same bus).
2. **VSS:** Ground.
3. **SDA:** Serial Data (Bi-directional).
4. **SCL:** Serial Clock (Input).
5. **WC (Write Control):** Hardware write protection. If connected to $V_{CC}$, write operations are inhibited.
6. **VCC:** Power Supply.
---
### 3. Key Features
* **Byte and Page Write:** Supports writing a single byte or a full page of 256 bytes simultaneously, which optimizes data throughput.
* **Schmitt Trigger Inputs:** Ensures high noise immunity on the SCL and SDA lines, crucial for industrial environments.
* **Low Power Consumption:**
* Active Read Current: < 2 mA.
* Standby Current: < 5 µA (at 5.5V).
* **Random and Sequential Read:** Allows the host to read data from a specific address or stream data sequentially from the current address.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **M24** | I²C Serial EEPROM family |
| **M01** | 1 Megabit Density |
| **-R** | Operating Voltage: 1.8V to 5.5V |
| **MW** | Package: SO8N (150 mil width) |
| **6** | Temperature Range: -40°C to +85°C |
| **TP** | Packing: Tape & Reel |
| **/A** | Automotive or Advanced Process Version |
---
### 5. Common Applications
* **Consumer Electronics:** Storing user preferences in Smart TVs and appliances.
* **Medical Devices:** Calibration data and patient logs.
* **Industrial:** Configuration parameters for PLC (Programmable Logic Controllers).
* **Networking:** Storing MAC addresses and firmware patches.
- ⤷
How does the 'WC' pin function as hardware write protection?
- ⤷ What are the advantages of 1MHz Fast-mode Plus over standard I2C?
- ⤷ Can this EEPROM be used in automotive safety applications?