Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M28S-X-AE3-R

  • AI
    ## Analysis of the M28S-X-AE3-R The **M28S-X-AE3-R** is a specific part number typically associated with **UTC (Unisonic Technologies Co.)**. It belongs to a family of Low Dropout (LDO) linear regulators. --- ### 1. Key Technical Specifications Below is a breakdown of the typical characteristics for this specific model: | Parameter | Specification | | :--- | :--- | | **Component Type** | CMOS Low Dropout (LDO) Voltage Regulator | | **Output Voltage** | Fixed (Often 2.8V or 3.0V depending on internal coding) | | **Package Type** | SOT-23 / SOT-23-3 (Indicated by AE3 suffix) | | **Current Output** | Typically 300mA to 500mA | | **Dropout Voltage** | Very Low (approx. 200mV - 400mV at full load) | | **Operating Temp** | -40°C to +85°C | | **RoHS Status** | Lead-Free / Halogen-Free (Indicated by -R suffix) | --- ### 2. Part Number Breakdown The nomenclature used by UTC provides specific details about the component's architecture and packaging: * **M28S**: The series identifier (Linear Regulator series). * **X**: Internal revision or specific voltage accuracy code. * **AE3**: Package code. In UTC's catalog, **AE3** corresponds to the **SOT-23** package. * **R**: Tape and Reel packaging (standard for automated SMT assembly). --- ### 3. Functional Features 1. **Low Quiescent Current:** Designed for battery-operated devices to extend battery life. 2. **Stable with Ceramic Capacitors:** Does not require high-ESR tantalum capacitors; it remains stable with small ceramic capacitors (usually $1\mu F$ or $2.2\mu F$). 3. **Protective Circuitry:** Usually includes built-in thermal shutdown and current limiting to prevent damage during a short circuit. 4. **High PSRR:** Power Supply Rejection Ratio is optimized to filter out noise from the input power line. --- ### 4. Typical Application Circuit The M28S series is simple to implement, requiring only input and output decoupling capacitors. ```text Input (Vin) ----[ C1 (1uF) ]----( Pin 3: IN ) ( Pin 2: OUT )----[ C2 (1uF) ]---- Output (Vout) ( Pin 1: GND ) | Ground ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage for the 'X' variant of this part?
    • ⤷ What are the pinout configurations for the SOT-23 package of this regulator?
    • ⤷ Are there any equivalent drop-in replacements for the M28S-X-AE3-R?