Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AC-A4E-R2

  • AI
    The **M2AC-A4E-R2** is a specific model within the Omron **M2AC series** of magnetic proximity sensors (often referred to as actutators or coded switches in safety applications). These components are primarily used in industrial automation for non-contact position detection or safety door monitoring. --- ### 1. Technical Specifications The "M2AC-A4E-R2" designation refers to a specific electronic configuration. Below are the core technical characteristics: | Feature | Specification | | :--- | :--- | | **Type** | Magnetic Actuator / Reed Switch Unit | | **Contact Form** | 1 NO (Normally Open) + 1 NC (Normally Closed) | | **Connection Type** | Pre-wired Cable (usually 2 meters) | | **Sensing Distance** | 5mm to 12mm (typical ON distance) | | **Protection Rating** | IP67 (Dust tight and water immersion) | | **Housing Material** | Plastic (PBT or similar resin) | --- ### 2. Internal Electronic Components Unlike inductive proximity sensors that use electromagnetic fields and oscillators, the M2AC series generally utilizes **Reed Switch** technology. * **Reed Switches:** These consist of two ferromagnetic blades (reeds) hermetically sealed in a glass tube. When the magnetic actuator (the companion piece) comes within range, the magnetic field causes the blades to touch (closing the circuit) or separate. * **Encapsulation:** The internal components are potted in epoxy resin. This protects the delicate glass reeds from industrial vibrations, shocks, and moisture. * **Dual-Channel Logic:** The "A4E" configuration typically implies a dual-circuit design. This is crucial for safety systems; if one switch fails (welds shut), the other circuit provides a redundant signal to ensure the machine stops. --- ### 3. Wiring and Pinout Configuration For the **R2** (2-meter cable) version, the wiring usually follows a standard color code for NO/NC pairs: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown / Blue** | Circuit 1 (NC) | Opens when the magnet is detected. | | **Black / White** | Circuit 2 (NO) | Closes when the magnet is detected. | --- ### 4. Key Application Use-Cases 1. **Safety Interlocking:** Ensuring that a machine guard or door is closed before the machine can start. 2. **Harsh Environments:** Because it is magnetically actuated and sealed, it functions in environments with high dust, oil, or washdown requirements where optical sensors would fail. 3. **Explosion-Proofing:** Since the contacts are sealed in glass and resin, they are less likely to ignite flammable gases compared to open mechanical switches. --- ### 5. Installation Note > [!IMPORTANT] > The **M2AC-A4E-R2** is the switch/sensor side. For the system to function, it must be paired with its specific **Magnetic Actuator** (the target). Using a standard hardware store magnet may result in "blind spots" or failure to trigger both internal reeds simultaneously.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage and current for this model?
    • ⤷ How does a coded magnetic switch differ from a standard reed switch?
    • ⤷ What are the recommended safety relay modules to pair with this sensor?