Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AC-A53-R

  • AI
    The **M2AC-A53-R** is a specific variant of the **M2AC Series** AC Servo Drives manufactured by **Leadshine**. These drives are designed for high-performance motion control, typically paired with brushless AC servo motors. --- ## 1. Technical Specifications The "A53" and "R" designations usually refer to the power rating and communication interface. Below are the core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Input Voltage** | Single/Three-phase 220VAC ±10% (50/60Hz) | | **Rated Power Output** | Typically 400W to 750W (Series dependent) | | **Control Mode** | Position, Velocity, and Torque modes | | **Communication** | RS485 / Modbus (Standard for 'R' models) | | **Encoder Support** | 17-bit or 23-bit absolute/incremental encoders | | **Pulse Frequency** | Up to 500 kHz (Differential input) | --- ## 2. Key Electronic Components & Interfaces The drive acts as the "brain" between the controller (PLC/CNC) and the motor. Its electronic architecture includes: ### I/O Interfaces * **Pulse & Direction (PUL/DIR):** Receives command signals from the controller. * **Digital Inputs/Outputs:** Configurable ports for functions like "Servo On," "Alarm Reset," and "Z-index output." * **Brake Control:** Built-in circuitry to engage/disengage electromagnetic brakes on the motor. ### Feedback Loop * **Encoder Port:** Connects to the motor's optical or magnetic encoder. High-resolution feedback allows the drive to compensate for position errors in real-time. ### Protection Circuitry The internal electronics monitor for faults to prevent hardware damage: * Over-voltage / Under-voltage protection. * Over-current (Short circuit) protection. * Over-heating (Thermal) protection. * Encoder failure detection. --- ## 3. Communication ('R' Suffix) The **-R** in the model number typically indicates **RS485 communication capability**. * **Protocol:** Modbus RTU. * **Function:** This allows a PC or PLC to configure parameters, monitor real-time current/speed, and trigger motions via software commands rather than just physical pulse wires. --- ## 4. Wiring Diagram Overview When integrating the M2AC-A53-R, the wiring is divided into three distinct blocks: ```mermaid graph LR A[Power Input: 220VAC] --> B[M2AC-A53-R Drive] B --> C[AC Servo Motor] D[PLC/Controller] -- Pulse/Dir/RS485 --> B C -- Encoder Feedback --> B ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible motor models for the M2AC-A53-R drive?
    • ⤷ How do I configure the RS485 Modbus settings for this drive?
    • ⤷ What is the specific pinout for the CN1 control signal connector?