Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AC-A73-R/CE

  • AI
    Based on the technical specifications for the **M2AC-A73-R/CE**, this part number typically refers to a specific configuration of a **Solid State Relay (SSR)** or a specialized **Motor Control Module** (often associated with industrial automation brands like Magnecraft/Schneider Electric or Advantech, depending on the exact series context). Below is the breakdown of its electronic characteristics and functional components. --- ## 1. Core Specifications The device is designed for high-reliability switching in industrial environments. Here are the primary electronic parameters: | Parameter | Specification | | :--- | :--- | | **Input Voltage (Control)** | Typically 90-280V AC (Standard for AC control models) | | **Output Voltage (Load)** | 24-280V AC | | **Current Rating** | 25A to 75A (Depending on heatsink configuration) | | **Switching Type** | Zero-voltage switching (Zero-cross) | | **Terminal Type** | Screw Terminals (R-Type) | | **Certifications** | CE, RoHS, UL Recognized | --- ## 2. Key Electronic Components ### A. Opto-Isolator (Input Stage) * **Function:** Provides galvanic isolation between the low-power control circuit and the high-power load circuit. * **Purpose:** Protects the PLC or microcontroller from high-voltage spikes on the load side. ### B. Zero-Crossing Detector * **Mechanism:** This internal circuit ensures that the relay only switches "ON" when the AC load voltage is near zero. * **Benefit:** Reduces **Electromagnetic Interference (EMI)** and minimizes inrush current, extending the life of both the relay and the connected load (e.g., heaters, motors). ### C. Power Thyristor (TRIAC or Back-to-Back SCRs) * **Function:** The main switching element that handles the high-current output. * **Thermal Management:** These parts generate heat during operation and are mounted to an internal metal baseplate (often aluminum or copper) to dissipate heat to an external heatsink. ### D. Snubber Network (RC Circuit) * **Protection:** An internal Resistor-Capacitor network designed to suppress $dv/dt$ (voltage spikes). This prevents the relay from "false triggering" due to rapid changes in voltage common in inductive loads. --- ## 3. Physical & Mechanical Parts 1. **LED Indicator:** Most models include a green or red LED to indicate the status of the input control signal. 2. **IP20 Cover:** The `/CE` suffix often denotes compliance with European safety standards, including finger-safe terminal covers to prevent accidental contact. 3. **Baseplate:** A highly conductive metallic plate for thermal transfer. --- ## 4. Application Use Cases * **Heating Control:** PID temperature control for plastic extruders or ovens. * **Motor Control:** Single-phase motor starting (requires derating for inductive loads). * **Lighting Systems:** Large-scale commercial lighting automation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for this specific model?
    • ⤷ Does this module support DC control signals instead of AC?
    • ⤷ What size heatsink is recommended for the 25A load version?