M2ADS-111-R
AI

The **M2ADS-111-R** is a specific part number belonging to a series of **Rotary DIP Switches** manufactured by **Diptronics Manufacturing Inc.** These components are widely used in electronics for setting binary or hexadecimal addresses or configurations on a printed circuit board (PCB).
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Rotary DIP Switch |
| **Positions** | 10 Positions (BCD - Binary Coded Decimal) |
| **Output Code** | Real Code (0-9) |
| **Actuator Style** | Arrow/Slot type (Flush) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Terminal Type** | Gull-wing (S-Type) |
| **Electrical Rating** | 100mA, 50V DC (Steady); 25mA, 24V DC (Switching) |
| **Operating Force** | 400 gf-cm Max. |
---
### Key Internal Parts and Construction
1. **Housing:** Made of high-temperature thermoplastic (usually LCP), designed to withstand the heat of infrared (IR) reflow soldering.
2. **Rotor:** The rotating element with a slot that allows a user to change the setting using a small screwdriver.
3. **Contacts:** Gold-plated contacts ensure low contact resistance and high reliability over the component's lifespan.
4. **Terminals:** The "Gull-wing" lead design allows the part to be soldered directly onto the surface of a PCB, saving space compared to through-hole versions.
---
### Logic Table (Real Code)
In a **Real Code** configuration like the M2ADS-111-R, the pins connect to the Common (C) pin based on the binary value of the number selected:
| Dial Position | Pin 1 (1) | Pin 2 (2) | Pin 4 (4) | Pin 8 (8) |
| :---: | :---: | :---: | :---: | :---: |
| 0 | OFF | OFF | OFF | OFF |
| 1 | **ON** | OFF | OFF | OFF |
| 2 | OFF | **ON** | OFF | OFF |
| 5 | **ON** | OFF | **ON** | OFF |
| 9 | **ON** | OFF | OFF | **ON** |
---
### Common Applications
* **Industrial Automation:** Setting Modbus or CAN bus node IDs.
* **Telecommunications:** Configuring hardware settings without software intervention.
* **Security Systems:** Manual address setting for sensors or cameras.
* **Peripherals:** Setting default modes on computer expansion cards or MIDI devices.
- ⤷
What is the difference between 'Real Code' and 'Complement Code' in rotary switches?
- ⤷ Can this component withstand ultrasonic cleaning processes?
- ⤷ What are the recommended soldering temperature profiles for the M2ADS series?