M2ADS-112-R/Q
AI

The **M2ADS-112-R/Q** is a high-performance, compact **Automotive-Grade Electromagnetic Power Relay**. It is widely used in automotive control systems for switching high-current DC loads.
---
### 1. Key Specifications
The following table summarizes the technical parameters typical for this series:
| Feature | Specification |
| :--- | :--- |
| **Coil Voltage** | 12V DC |
| **Contact Arrangement** | 1 Form A (SPST-NO) or 1 Form C (SPDT) |
| **Max Switching Current** | 20A to 30A (Application dependent) |
| **Contact Material** | Silver Alloy (AgSnO2) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | PCB (Through-hole) |
| **Sealing Protection** | Flux Tight (R) or Sealed (Q) |
---
### 2. Part Number Breakdown
Understanding the suffix and prefix helps in identifying the specific electronic characteristics:
* **M2ADS**: The series designation for sub-miniature automotive power relays.
* **112**: Indicates the coil voltage (1 = 1 winding, 12 = 12 Volts DC).
* **-R**: Refers to the **Flux-Tight** construction. This allows for soldering and cleaning processes without damaging the internal contacts.
* **-Q**: Refers to the **Sealed** (Wash-tight) construction. This provides higher protection against harsh environmental contaminants like dust or moisture.
---
### 3. Electronic Design Considerations
When integrating this part into a circuit, pay attention to these electronic factors:
#### Coil Suppression
Because this is an inductive load, a **flyback diode** (e.g., 1N4007) or a varistor should be placed in parallel with the coil pins. This prevents high-voltage spikes (back-EMF) from damaging the driving transistor or microcontroller.
#### Contact Arc Management
Switching 12V DC at high currents creates electrical arcs. The **Silver Tin Oxide (AgSnO2)** contact material in this relay is specifically chosen to resist material transfer and "welding" during high-inrush currents (like motor startups).
#### PCB Trace Width
Since this relay can handle up to 30A, the PCB traces connected to the contact terminals must be sufficiently wide and thick (often using 2oz copper or higher) to prevent overheating.
---
### 4. Common Applications
* **Power Windows/Locks:** Controlling the reversible motors.
* **Lighting Control:** High-beam/low-beam switching and fog lights.
* **Wiper Motors:** Managing speed and intermittent cycles.
* **Fuel Pump Relays:** Ensuring reliable power delivery to the engine management system.
- ⤷
What is the maximum power consumption of the 12V coil in this relay?
- ⤷ How does the 'Q' sealing rating affect the relay's lifespan in humid environments?
- ⤷ What is the recommended flyback diode for a 12V automotive relay circuit?