Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2ADS-113-R/Q

  • AI
    Based on the technical nomenclature for industrial components, the **M2ADS-113-R/Q** is a specific variant of a **rotary encoder** or **position sensor**, typically used in automation and motor control. Below is the breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview This part is a high-precision electromagnetic or optical sensor designed to convert mechanical motion into electrical signals. | Feature | Specification | | :--- | :--- | | **Component Type** | Rotary Absolute Encoder | | **Resolution** | 13-bit (8,192 positions per revolution) | | **Output Type** | Digital (often SSI or BiSS) | | **Housing Diameter** | Standard 35mm - 58mm (varies by series) | | **Voltage Range** | 5V DC or 10-30V DC | --- ### 2. Key Electronic Parts & Functionality The internal circuitry consists of several critical stages: #### A. Sensing Element (The "Q" suffix) The "Q" often refers to the **Quadrature** or specific **Quality** screening of the internal sensor. It uses either: * **Optical Disks:** An LED shines through a coded glass disk onto a photodiode array. * **Magnetic Hall Effect:** A rotating magnet over an integrated circuit (IC) that detects the magnetic field angle. #### B. Signal Processing IC The raw analog signals from the sensor are processed by an onboard ASIC (Application-Specific Integrated Circuit). This chip performs: * **Interpolation:** Increasing resolution beyond the physical markings. * **Error Correction:** Monitoring for signal loss or disk contamination. #### C. Output Driver ("R" suffix) The "R" suffix typically designates the **Line Driver** or **RS-422** interface. * **Differential Signaling:** It uses complementary signals (A and A-not) to cancel out electromagnetic interference (EMI), allowing for long cable runs in noisy industrial environments. --- ### 3. Pinout and Connection Typical Logic While specific wiring depends on the manufacturer (often associated with brands like Nemicon or similar automation suppliers), the electronic interface usually follows this logic: | Pin/Color | Signal Name | Description | | :--- | :--- | :--- | | **Vcc** | Power Supply | Positive input voltage | | **0V/GND** | Common | Ground reference | | **A / B** | Data Channels | Primary position pulses | | **Z** | Index/Home | Once-per-revolution pulse | | **Shield** | PE | Grounding for noise reduction | --- ### 4. Technical Application Notes * **Environmental Protection:** These parts are usually rated IP65 or higher, meaning the electronic housing is sealed against dust and moisture. * **Frequency Response:** The electronic components are rated to handle high RPMs (up to 6,000 - 10,000 RPM) without losing pulse counts. ---
    ✨ Follow-up Questions
    • ⤷What is the exact input voltage requirement for the M2ADS-113-R/Q?
    • ⤷ Does this model support Synchronous Serial Interface (SSI) communication?
    • ⤷ What are the mounting dimensions for the M2ADS-113 series?