M2ADS-1A14-R2
AI

The **M2ADS-1A14-R2** is a specialized electronic component, typically categorized as a high-density, high-speed connector or a specific power module interface used in server and networking hardware.
---
### 1. General Specifications
While specific datasheets are often proprietary to manufacturers like **Foxconn** or **Amphenol** (who produce these for server OEMs), the "M2ADS" series generally follows these characteristics:
| Feature | Specification |
| :--- | :--- |
| **Type** | High-speed Mezzanine Connector / Power Interface |
| **Mounting Type** | Surface Mount (SMT) or Press-fit |
| **Pitch** | Typically 0.5mm to 1.0mm |
| **Material** | High-temperature thermoplastic (LCP) |
| **Contact Plating** | Gold (Au) over Nickel (Ni) |
---
### 2. Key Electronic Components & Materials
The part is comprised of several critical electronic sub-elements:
1. **Conductive Contacts:**
* Made from Copper Alloy for high conductivity.
* Designed for low contact resistance to ensure minimal signal loss.
2. **Insulator Body:**
* Liquid Crystal Polymer (LCP) is used to withstand lead-free reflow soldering temperatures (up to 260°C).
3. **EMI Shielding:**
* Often includes metal "shells" or integrated ground planes to reduce electromagnetic interference in high-frequency environments.
4. **Solder Charge/Balls:**
* The "R2" suffix often denotes a specific revision or packaging style (like Tape & Reel) and may include pre-applied solder for BGA-style attachment.
---
### 3. Applications
This part is typically found in the following hardware environments:
* **Blade Servers:** Used as the bridge between a mezzanine card (like a NIC or HBA) and the motherboard.
* **Networking Switches:** High-density interconnects for daughterboards.
* **Storage Arrays:** Connection points for high-speed backplanes.
---
### 4. Technical Handling Precautions
When dealing with the M2ADS-1A14-R2, engineers must observe the following:
```markdown
* ESD Protection: Use grounded wrist straps; the fine-pitch pins are sensitive to static.
* Coplanarity: Ensure the PCB is flat; even 0.1mm of warp can cause open solder joints.
* Inspection: Use X-ray inspection for BGA/SMT variants to verify hidden solder joints.
```
- ⤷
What is the pin count for the M2ADS-1A14-R2?
- ⤷ Which manufacturers provide a direct equivalent for this part?
- ⤷ What are the specific soldering profile requirements for the R2 revision?