M2ADS-214-R
AI

The **M2ADS-214-R** is a high-performance, industrial-grade dual-port 10G/1G/100M Ethernet Network Adapter. It is typically designed for high-density server environments, virtualization, and high-speed data transfer applications.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Controller** | Intel® X550-AT2 (typically) |
| **Interface Type** | PCI Express (PCIe) v3.0 x4 (or x8 depending on revision) |
| **Port Configuration** | Dual Port (2 Ports) |
| **Data Rate** | 10Gbps / 1Gbps / 100Mbps per port |
| **Connector Type** | RJ-45 (Copper) |
| **Cabling Type** | Cat 6 (up to 55m) / Cat 6A (up to 100m) |
---
### 2. Core Electronic Components & Features
#### A. Integrated PHY (Physical Layer)
The device utilizes a sophisticated Physical Layer transceiver that supports **NBASE-T** technology. This allows the card to negotiate speeds between 100M and 10G, providing backwards compatibility with older infrastructure while enabling high-speed uplinks.
#### B. Power Management & Heat Dissipation
* **Active/Passive Cooling:** Due to the high power consumption of 10G copper (Base-T) transceivers, these cards feature large aluminum heat sinks.
* **Energy Efficient Ethernet (EEE):** Supports IEEE 802.3az to reduce power consumption during periods of low data activity.
#### C. Hardware Offloading Capabilities
The internal circuitry is designed to offload specific tasks from the host CPU to improve overall system efficiency:
* **Checksum Offloading:** TCP/UDP/IP checksum calculation.
* **Segmentation Offloading:** TCP Segmentation Offload (TSO).
* **Virtualization:** Supports VMDq (Virtual Machine Device Queues) and SR-IOV (Single Root I/O Virtualization) for cloud environments.
---
### 3. Application Use Cases
1. **Server Virtualization:** Providing high bandwidth for multiple Virtual Machines (VMs).
2. **Storage Area Networks (SAN):** Ideal for iSCSI and FCoE (Fibre Channel over Ethernet) deployments.
3. **High-Performance Computing (HPC):** Used in clusters requiring low-latency, high-throughput interconnects.
---
### 4. Comparison: Copper (RJ45) vs. Fiber (SFP+)
The "R" in the model often signifies the **RJ45** interface.
| Feature | RJ45 (M2ADS-214-R) | SFP+ (Fiber) |
| :--- | :--- | :--- |
| **Media Cost** | Low (Standard Cat6a) | High (Transceivers + Fiber) |
| **Power Consumption** | Higher | Lower |
| **Maximum Distance** | 100 Meters | Up to 10km+ |
| **Ease of Install** | High (Plug and Play) | Moderate (Fragile cables) |
- ⤷
What are the specific driver requirements for the M2ADS-214-R on Linux systems?
- ⤷ Does this model support SR-IOV for VMware environments?
- ⤷ What is the maximum power draw (TDP) for this specific network card?