M2ADS-2B1-R2
AI

The **M2ADS-2B1-R2** is a specific model within the **Advantech M2ADS series**, which are high-performance **M.2 (NGFF) expansion modules** designed primarily for industrial and AI computing. These modules typically integrate Field Programmable Gate Arrays (FPGAs) to accelerate AI inference or data processing.
---
### 1. Key Electronic Components & Specifications
The "M2ADS" series is built around the **Intel® Movidius™ Myriad™ X VPU** (Vision Processing Unit) or similar FPGA-based logic. Below is a breakdown of the core electronic architecture:
| Component | Description |
| :--- | :--- |
| **Main Controller** | Typically features 2x Intel® Movidius™ Myriad™ X VPU (MA2485). |
| **Interface** | M.2 Key M (PCIe Gen3 x2 interface) for high-speed data transfer. |
| **Memory** | Integrated 4GB (or 8GB depending on sub-revision) LPDDR4 memory. |
| **Form Factor** | M.2 2280 (22mm x 80mm), standard for industrial PC slots. |
| **Power Management** | Onboard DC-to-DC converters to manage 3.3V input from the M.2 slot. |
| **Thermal Design** | Often equipped with a dedicated heat spreader or heatsink to manage VPU thermals. |
---
### 2. Functional Architecture
The electronics are designed to offload specific tasks from the CPU to the specialized hardware:
1. **Neural Compute Engine**: A dedicated hardware accelerator for Deep Neural Network (DNN) inferences.
2. **Imaging Accelerators**: Hardwired filters and logic for image signal processing (ISP).
3. **SHAVE Cores**: 12 to 24 Streaming Hybrid Architecture Vector Engine cores for high-parallelism tasks.
### 3. Connection Pinout (M.2 Key M)
The module interacts with the host system via the following pin groups:
```yaml
Pin Groupings:
- Power: 3.3V (Pins 2, 4, 70, 72, 74)
- Data: PCIe Lane 0 & Lane 1 (Differential Pairs)
- Clock: REFCLK+ / REFCLK-
- Control: PERST# (Reset), CLKREQ# (Clock Request)
- Ground: Distributed across the connector for EMI shielding
```
---
### 4. Use Cases in Electronics Engineering
* **Edge AI**: Real-time object detection and facial recognition.
* **Industrial Automation**: Defect detection on assembly lines using machine vision.
* **Medical Imaging**: Enhancing X-ray or MRI data at the hardware level.
- ⤷
What are the power consumption requirements for the M2ADS-2B1-R2?
- ⤷ Which software SDK is required to program the Myriad X VPUs on this module?
- ⤷ Can this module be used in a standard laptop M.2 NVMe slot?