Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2ADS-A1B1-R2

  • AI
    The **M2ADS-A1B1-R2** is a specific variant of an industrial-grade **M.2 Solid State Drive (SSD)**, typically manufactured by companies like **Innodisk**. These drives are engineered for embedded, industrial, and aerospace applications where reliability and data integrity are prioritized over consumer-level peak speeds. --- ## 1. Core Technical Specifications The "M2ADS" series generally refers to the **M.2 2242** or **2280** form factor using the **SATA III** interface. Below are the electronic characteristics: | Component / Feature | Specification Details | | :--- | :--- | | **Form Factor** | M.2 (likely 2242 or 2280) | | **Interface** | SATA III 6.0 Gb/s | | **Flash Type** | iSLC or MLC (Industrial grade) | | **Input Voltage** | 3.3V ± 5% | | **Power Consumption** | Active: < 2.0W / Idle: < 0.5W | | **Thermal Sensor** | Integrated for hardware monitoring | --- ## 2. Key Electronic Parts and Architecture The internal circuitry of this module consists of three primary electronic segments: ### A. The NAND Flash Controller The "brain" of the SSD. It manages the flow of data from the SATA interface to the flash memory chips. * **ECC Engine:** Uses advanced Error Correction Code (typically LDPC) to prevent data corruption. * **Wear Leveling:** Algorithms that ensure data is written evenly across all flash cells to extend the device's lifespan. ### B. Flash Storage Medium (NAND) The storage cells where data is physically kept. * **Industrial Grade:** Unlike consumer drives, these parts are tested for high endurance (TBW - Terabytes Written). * **iSLC Technology:** Often used in these models, it mimics Single-Level Cell performance using cheaper MLC/TLC hardware to provide 7-10x the endurance of standard drives. ### C. Power Management Circuitry (PMIC) * **Voltage Regulation:** Converts the 3.3V input from the M.2 slot to the specific voltages required by the NAND and Controller (often 1.8V or 1.2V). * **Power-on Reset (POR):** Ensures the drive only initializes when the power supply is stable. --- ## 3. Industrial Reliability Features The **"R2"** suffix often denotes a specific revision or a feature set related to ruggedization: 1. **Thermal Management:** The electronics are rated for **Standard (0°C ~ +70°C)** or **Wide (-40°C ~ +85°C)** operating temperatures. 2. **iData Guard:** A proprietary power-fail protection mechanism that uses onboard capacitors to ensure the last command is written if power is lost suddenly. 3. **Gold Finger:** The PCB connectors (M.2 pins) usually feature 30μ” gold plating to prevent oxidation in humid or salty environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the M2ADS-A1B1-R2 variant?
    • ⤷ Does this model support AES-256 hardware encryption?
    • ⤷ How does iSLC technology differ from standard SLC in industrial SSDs?