M2ADS-A21-R
AI

The **M2ADS-A21-R** is a specific part number typically associated with **M2 Antennas** (or similar RF component manufacturers), often referring to a specialized **Power Divider** or **Phasing Harness** designed for VHF/UHF antenna arrays.
Below is a breakdown of its technical characteristics and electronic components.
---
## 1. Core Specifications
This device is primarily used in RF (Radio Frequency) engineering to split or combine signals between multiple antennas while maintaining impedance matching.
| Feature | Description |
| :--- | :--- |
| **Component Type** | RF Power Divider / Combiner |
| **Frequency Range** | Typically 144-148 MHz (2-Meter Band) |
| **Ports** | 2-Port (1 Input, 2 Outputs) |
| **Impedance** | 50 Ohms (Standard) |
| **Power Rating** | High Power (often up to 1.5 kW - 3 kW PEP) |
| **Connector Type** | Usually Type-N or SO-239 (Model specific) |
---
## 2. Internal Electronic Construction
Unlike digital electronics, this part is a **passive RF component**. Its "electronics" consist of precise physical dimensions and materials:
### A. Transmission Line (The "A" Series)
The "A" in the model number often signifies **Aluminum** construction. The internal conductor is typically a rigid aluminum or copper rod suspended within a square or round outer aluminum housing. This creates an air-dielectric coaxial line.
### B. Impedance Matching Transformer
To split a 50-ohm signal into two 50-ohm loads without reflection (SWR), the internal rod is machined to a specific diameter. This creates a **Quarter-Wave Q-section** (Transformation line).
* **Formula:** $Z_{transformer} = \sqrt{Z_{in} \times Z_{out}}$
* For a 2-port split, the internal impedance is transformed to approximately **35.35 Ohms**.
### C. Dielectric Spacers
Small insulators (usually **PTFE/Teflon**) are placed at intervals to keep the center conductor centered. Teflon is used because of its extremely low loss tangent and high heat resistance at high power levels.
---
## 3. Physical Attributes
* **Weatherproofing:** The unit is usually sealed with O-rings or silicone gaskets to prevent moisture ingress, which would change the dielectric constant of the air inside and ruin the SWR.
* **Finish:** Gold chromate or clear chemical film (Alodine) to prevent oxidation of the aluminum.
---
## 4. Typical Applications
The M2ADS-A21-R is used in "stacking" configurations:
1. **Circular Polarization:** Connecting two cross-polarized Yagi antennas.
2. **Increased Gain:** Connecting two identical Yagi antennas side-by-side or over-under to increase forward gain by ~3dB.
3. **Power Distribution:** Splitting the output of a high-power linear amplifier to multiple antenna bays.
---
- ⤷What is the maximum power handling capacity of the M2ADS-A21-R?
- ⤷ How does air-dielectric construction compare to foam-filled cables?
- ⤷ What is the typical SWR rating for this power divider?