M2ADS-A22-R2
AI

The **M2ADS-A22-R2** is a specific industrial control component, typically identified as a **Pushbutton Switch** (often associated with brands like Omron or similar industrial automation suppliers). It is designed for panel mounting to control electrical circuits manually.
---
### 1. Technical Specifications
The following table outlines the general electronic and physical characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Type** | Non-lighted Pushbutton |
| **Actuator Shape** | Mushroom Head (Large surface area) |
| **Mounting Diameter** | 22 mm |
| **Contact Configuration** | SPST-NO (Single Pole Single Throw - Normally Open) |
| **Switch Operation** | Momentary (Spring return) |
| **Color** | Red (R2 suffix usually denotes color and style) |
| **Protection Rating** | IP65/IP66 (Water and dust resistant) |
---
### 2. Key Electronic Components
The device is modular, consisting of three primary electronic/mechanical sections:
#### A. The Operator (Actuator)
The "Mushroom" head is the user interface. Its physical design is ergonomic, allowing for quick activation (often used as a non-locking stop button or a general-purpose command input).
#### B. The Mounting Latches
This mechanical part secures the operator to the control panel. In the R2 series, this is usually a plastic or metal bracket that holds the contact blocks in place behind the panel.
#### C. The Contact Block
This is the core electronic element.
* **Terminals:** Usually screw-type terminals for securing 14–22 AWG wiring.
* **Conductivity:** Uses silver or gold-plated contacts to ensure low electrical resistance.
* **Action:** When pressed, the internal bridge completes the circuit between the two terminals.
---
### 3. Application Use Cases
Due to its robust design, the M2ADS-A22-R2 is commonly found in:
1. **Industrial Control Panels:** To start or stop motors (when wired to a PLC).
2. **Safety Signaling:** The red mushroom head makes it highly visible for urgent manual inputs.
3. **Harsh Environments:** The IP rating ensures it functions in factories with high humidity or dust.
---
- ⤷
What is the maximum voltage rating for the M2ADS-A22-R2 contact blocks?
- ⤷ Can this switch be converted from momentary to maintained action?
- ⤷ Does this model support LED illumination?