M2ADS-AA14-R2/Q
AI

The **M2ADS-AA14-R2/Q** is a specific variant of a magnetic sensor or industrial component, likely belonging to a series of **Magnetoresistive (MR) Sensors** or high-precision position encoders.
Below is a breakdown of the electronic characteristics and technical specifications typically associated with this part number.
---
### 1. General Specifications
The device is designed for non-contact sensing, utilizing the magnetoresistive effect to detect changes in magnetic fields, often for motion control or angular positioning.
| Feature | Specification Details |
| :--- | :--- |
| **Sensor Type** | Anisotropic Magnetoresistive (AMR) |
| **Input Voltage** | Typically 5V DC ± 10% |
| **Output Interface** | Analog Sin/Cos or Digital Differential (RS-422) |
| **Resolution** | High-resolution interpolation (part-dependent) |
| **Connector Type** | Standard industrial circular or ribbon connector |
---
### 2. Core Electronic Components
The internal circuitry consists of several key stages:
* **MR Sensor Bridge:** A Wheatstone bridge configuration of magnetoresistive thin films. As a magnetic scale moves past, the resistance changes, producing a sine/cosine wave.
* **Signal Conditioning:** Operational amplifiers (Op-Amps) that amplify the low-level signals from the bridge and filter out high-frequency noise.
* **Automatic Gain Control (AGC):** Ensures the output signal remains stable even if the air gap between the sensor and the magnetic target fluctuates.
* **Line Driver:** For "R2/Q" variants, this often includes a differential line driver to transmit signals over long distances without electromagnetic interference (EMI).
---
### 3. Pinout and Wiring (General Configuration)
While specific pinouts vary by manufacturer (often associated with brands like Renishaw or Bogen), the standard configuration for this class of device is as follows:
| Pin | Function | Description |
| :--- | :--- | :--- |
| **VCC** | Power Supply | +5V Input |
| **GND** | Ground | 0V Reference |
| **A+ / A-** | Channel A | Differential Sine / Pulse |
| **B+ / B-** | Channel B | Differential Cosine / Pulse |
| **Z+ / Z-** | Index / Reference | Zero-point marker pulse |
| **Shield** | Case Ground | EMI Protection |
---
### 4. Technical Application Notes
* **Air Gap Sensitivity:** Electronic performance is highly dependent on the "Air Gap" (the distance between the sensor head and the magnetic track). If the gap is too large, the electronic signal-to-noise ratio decreases.
* **Termination:** If using the RS-422 digital output, ensure 120-ohm termination resistors are used at the receiving end (PLC/Controller) to prevent signal reflection.
* **Hysteresis:** The internal electronics include built-in hysteresis to prevent "chatter" or false triggering when the sensor is stationary near a transition point.
---
- ⤷
What is the maximum operating frequency or speed for this sensor?
- ⤷ Does this model output an analog sine/cosine wave or a square wave TTL signal?
- ⤷ What is the recommended air gap distance for optimal signal strength?