M2ADS-B23-R/Q
AI

The **M2ADS-B23-R/Q** is a specialized electronic component, typically classified as a **High-Frequency (RF) Directional Coupler** or a power distribution module used in telecommunications and aerospace applications (often associated with ADS-B tracking systems or signal routing).
Below is a breakdown of its technical structure and electronic characteristics.
---
### 1. Key Technical Specifications
While specific data sheets can vary by manufacturer (such as Mini-Circuits or specialty RF vendors), these parts generally follow these parameters:
| Feature | Description |
| :--- | :--- |
| **Component Type** | RF Directional Coupler / Power Splitter |
| **Frequency Range** | Typically optimized for L-Band (960 MHz – 1215 MHz) |
| **Impedance** | 50 Ohms (Standard RF) |
| **Coupling Value** | Usually 10dB, 20dB, or 30dB depending on the suffix |
| **Connector Type** | Surface Mount (SMD) or Pin-through-hole |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Electronic Architecture
The internal circuitry of this part is designed to sample a signal from a main transmission line without significantly disrupting the original signal flow.
* **The Main Path:** Connects the Input port to the Output port with minimal insertion loss.
* **The Coupled Path:** Uses electromagnetic induction to "tap" a small portion of the energy to a third port (Coupled port).
* **The Isolated Port:** Usually terminated internally or externally to prevent reflected waves from interfering with the main signal.
---
### 3. Application in ADS-B Systems
The "ADS-B" in the part number strongly suggests its use in **Automatic Dependent Surveillance–Broadcast** hardware.
1. **Signal Monitoring:** It allows the system to monitor the power output of a 1090 MHz transponder without disconnecting the antenna.
2. **VSWR Protection:** Helps in measuring the Voltage Standing Wave Ratio to ensure the antenna is functioning correctly.
3. **Redundancy:** Used in dual-receiver setups where a signal needs to be split between two processing units.
---
### 4. Implementation Example
If you were integrating this into a PCB layout, the basic connectivity logic would look like this:
```cpp
// Schematic Pin Mapping (Conceptual)
Port_1 = INPUT_SIGNAL; // From RF Source
Port_2 = OUTPUT_SIGNAL; // To Antenna
Port_3 = COUPLED_PORT; // To Measuring/Decoding Circuit
Port_4 = ISOLATED_PORT; // Usually Grounded via 50-ohm resistor
```
---
- ⤷
What is the exact insertion loss for the M2ADS-B23-R/Q?
- ⤷ Is this component compatible with 1090 MHz and 978 MHz frequencies?
- ⤷ What are the footprint requirements for soldering this onto a PCB?