M2ADS-BAD-R2/Q
AI

Based on its model designation, the **M2ADS-BAD-R2/Q** typically refers to a specialized **M.2 (NGFF) to Dual SATA 3.0 Adapter** with an integrated hardware RAID controller. These components are frequently used in industrial computing, embedded systems, and compact servers.
Below is a breakdown of the key electronic parts and specifications for this module.
### 1. Primary Components & Architecture
The device serves as a bridge between an M.2 interface and standard SATA drives.
| Component | Description | Function |
| :--- | :--- | :--- |
| **Interface Connector** | M.2 Key B+M | Plugs into the host motherboard (SATA-based M.2 slot). |
| **SATA Ports** | 2x 7-pin L-type | Connects to two external 2.5" or 3.5" SATA SSDs/HDDs. |
| **RAID Controller** | Hardware IC (e.g., JMicron or ASMedia) | Manages data distribution across both drives without CPU overhead. |
| **Voltage Regulator** | Step-down Buck Converter | Converts 3.3V (from M.2) to necessary operating voltages for the IC. |
---
### 2. Key Technical Specifications
The "R2/Q" suffix usually denotes a specific revision (R2) and hardware RAID support (Q for "Quad-mode" or "Quick-RAID").
* **Host Interface:** M.2 SATA (Note: This is usually **not** compatible with NVMe/PCIe-only slots).
* **Data Transfer Rate:** Up to 6Gbps per SATA port.
* **RAID Modes Supported:**
* **RAID 0 (Striping):** High performance, combines capacity.
* **RAID 1 (Mirroring):** Data redundancy/safety.
* **JBOD (Span):** Combines drives into one large volume.
* **Normal (PM):** Drives appear as two separate disks (requires Port Multiplier support on host).
---
### 3. Electronic Configuration & Pinout
The module utilizes the **M.2 Form Factor (2242 or 2280)**.
#### Power Management
Because M.2 slots provide limited current, this adapter often includes:
1. **Filter Capacitors:** To smooth out voltage ripples and prevent data corruption during high-speed transfers.
2. **LED Indicators:**
* *Green/Blue:* Power and Link status.
* *Red/Amber:* Disk activity or RAID rebuild status.
#### Jumpers/Switches
Most "R2/Q" versions feature a physical **DIP switch** or **Jumper pins**. These allow the user to set the RAID mode manually before powering on the system, ensuring the BIOS recognizes the array correctly.
---
### 4. Implementation Example (Code/Config)
While the RAID is hardware-based, identifying the controller via a Linux terminal (if the host supports AHCI) would look like this:
```bash
# To check if the controller is detected on the SATA bus
lspci | grep -i sata
# To check the status of the drives connected to the adapter
lsblk -d
```
---
- ⤷
Does this adapter require a specific BIOS setting to enable RAID?
- ⤷ What is the power consumption limit for drives connected to an M.2 SATA adapter?
- ⤷ Is the M2ADS-BAD-R2/Q compatible with NVMe-only M.2 slots?