M2ADS-C11-R/Q
AI

The **M2ADS-C11-R/Q** is a specialized industrial sensor, typically categorized as a **Magnetic Proximity Switch** or a **Magnetic Reed Sensor**, often utilized in pneumatic cylinder position sensing.
Below is the detailed breakdown of its electronic components and specifications.
---
### 1. Technical Specifications
This table outlines the core electronic parameters of the M2ADS-C11-R/Q:
| Parameter | Specification |
| :--- | :--- |
| **Switching Logic** | SPST (Single Pole Single Throw), Normally Open (NO) |
| **Sensor Type** | Magnetic Reed Switch |
| **Operating Voltage** | 5V ~ 240V AC/DC |
| **Switching Current** | 100mA Max. |
| **Contact Rating** | 10W Max. |
| **Voltage Drop** | 2.5V Max @ 100mA |
| **Indicator** | Red LED (usually indicates "Close" status) |
| **Cable Type** | Oil-resistant PVC |
---
### 2. Electronic Parts Breakdown
The device consists of three primary internal sub-assemblies:
#### A. The Reed Switch
* **Function:** The primary sensing element. It consists of two ferromagnetic blades (reeds) hermetically sealed in a glass tube.
* **Operation:** When a permanent magnet (usually inside a piston) comes into range, the magnetic field pulls the blades together, completing the circuit.
#### B. LED Indicator Circuit
* **Components:** A surface-mount (SMD) LED and a current-limiting resistor.
* **Function:** Provides visual feedback to the operator. The LED illuminates when the internal reed switch is closed and current is flowing.
#### C. Protection Components
* **Varistor/Zener Diode:** Often included to protect the reed contacts from high-voltage spikes or "back EMF" caused by inductive loads (like small relays).
* **Housing:** Usually a chemically resistant plastic (PA or PBT) designed to fit into "C-slots" or "T-slots" on pneumatic cylinders.
---
### 3. Wiring Configuration
The "R/Q" designation usually refers to the specific termination. While standard versions use flying leads, the R/Q series often features a **M8 or M12 circular connector**.
* **Brown Wire:** Positive (+) / Line
* **Blue Wire:** Negative (-) / Neutral
* **Load Placement:** The load must be connected in series with the sensor.
---
### 4. Application Considerations
* **Sensitivity:** The sensor is tuned to specific Gauss levels to avoid "double-switching" as the magnet passes.
* **Environment:** Rated for IP67, making it resistant to dust and temporary immersion in water.
* **Switching Speed:** High frequency (up to 200Hz), allowing it to track fast-moving cylinder pistons.
- ⤷
What is the difference between a Reed type and a Solid State (NPN/PNP) version of this sensor?
- ⤷ How do you test the M2ADS-C11-R/Q using a multimeter?
- ⤷ Can this sensor be used with a PLC input?