M2ADS-C22-R2
AI

The **M2ADS-C22-R2** is a specific part number typically associated with an **Industrial Selector Switch** (often manufactured by brands like **Moujen**). It is a panel-mounted electromechanical component used to control the flow of electricity in industrial control circuits.
---
### 1. Technical Specifications
The part number can be broken down into specific electrical and physical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Selector Switch | Rotating knob to switch between states. |
| **Mounting Diameter** | 22mm | Standard industrial cutout size. |
| **Contact Configuration** | 2NO (Normally Open) | Two sets of independent contacts. |
| **Action Type** | Maintained / Stay-put | Stays in the selected position (doesn't spring back). |
| **Handle Type** | Short Lever / Knob | Standard manual interface. |
| **Voltage Rating** | 250V - 600V AC/DC | Varies based on insulation and contact load. |
| **Current Rating** | 10A (Thermal) | Maximum continuous current the contacts can carry. |
---
### 2. Internal Electronic Components
While the exterior is mechanical, the internal "electronic" or electrical parts are critical for operation:
#### A. Contact Blocks
* **Material:** Usually silver alloy to prevent oxidation and ensure high conductivity.
* **Logic:** The "C22" indicates a specific contact arrangement. In a 2-position switch, turning the knob mechanically pushes a plunger to close the circuit.
#### B. The Actuator
* The rotating mechanism is designed for high mechanical durability (often rated for 500,000 to 1,000,000 cycles).
* It utilizes a **cam-driven system** to convert rotational movement into linear movement for the contact blocks.
#### C. Terminal Design
* Uses **Screw Terminals** for secure wiring.
* Designed to handle vibration in industrial environments to prevent electrical arcing or loose connections.
---
### 3. Application Circuit Example
This switch is commonly used as a "Manual/Auto" toggle or an "On/Off" master switch for a control panel.
```yaml
Circuit Example:
[Power Supply] ---> [M2ADS-C22-R2 Terminal 1]
[M2ADS-C22-R2 Terminal 2] ---> [Motor Starter Coil / PLC Input]
```
---
### 4. Safety and Ratings
* **IP Rating:** Typically **IP65**, meaning it is dust-tight and protected against water jets.
* **Certifications:** Usually carries **UL, CE, and RoHS** certifications for international safety standards.
- ⤷
What is the difference between Maintained and Spring Return action for this switch?
- ⤷ Can I add more contact blocks to the M2ADS-C22-R2?
- ⤷ How do I wire this switch to a 24V PLC input?