M2ADS-CA12-R
AI

The **M2ADS-CA12-R** is a specific model within a series of industrial-grade electronic switches, typically categorized as a **Vandal-Resistant Pushbutton Switch**. These parts are designed for heavy-duty applications where durability and aesthetic feedback (LED illumination) are required.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Technical Specifications
The following table outlines the core electrical and physical parameters of the switch:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Momentary Pushbutton |
| **Mounting Diameter** | 12mm (M12 thread) |
| **Contact Configuration** | 1NO (Normally Open) |
| **Voltage Rating** | 3V - 220V (depends on internal resistor choice) |
| **Current Rating** | 2A (AC/DC) |
| **Terminal Type** | Solder Pins |
| **Body Material** | Stainless Steel or Aluminum Alloy |
| **Protection Rating** | IP65 / IP67 (Waterproof & Dustproof) |
---
### 2. Key Electronic Components
#### A. Contact Mechanism
* **Momentary Action:** The switch only stays closed while the button is physically pressed. Once released, the internal spring pushes it back to the open position.
* **Gold/Silver Plating:** The internal contact points are often plated to reduce contact resistance and prevent oxidation over long periods of use.
#### B. LED Illumination (The "R" Suffix)
The "R" in the part number typically signifies a **Red LED**.
* **Integrated Resistor:** Most versions of this switch include a built-in resistor to allow the LED to operate at specific voltages (e.g., 12V or 24V).
* **Bi-directional LED:** Modern variants often use LEDs that can be wired without worrying about polarity, though standard DC versions require correct Anode (+) and Cathode (-) wiring.
#### C. Environmental Sealing
The part features an internal O-ring and a silicone seal. This prevents liquids from entering the electronic housing, making it suitable for outdoor kiosks, elevators, or industrial machinery.
---
### 3. Wiring Diagram Concept
To integrate this part into a circuit, you generally deal with four pins:
```text
Pin 1 & 2: Switch Contacts (Normally Open)
Pin 3 & 4: LED Terminals (+ and -)
```
1. **Switch Path:** Connect the load in series with Pins 1 and 2.
2. **LED Path:** Connect the LED terminals to your power source. You can wire the LED to be "Always On" or "On only when the button is pressed" by jumping one of the switch pins to the LED pin.
---
- ⤷What is the difference between momentary and latching versions of this switch?
- ⤷ Does this model require an external resistor for a 12V power supply?
- ⤷ What are the specific torque requirements for mounting the M12 nut?